Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDC37C665IR Datasheet(PDF) 7 Page - SMSC Corporation

Part # FDC37C665IR
Description  3/5 Volt Advanced High-Performance Multi-Mode Parallel Port Super I/O Floppy Disk Controller with Infranred Support
Download  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37C665IR Datasheet(HTML) 7 Page - SMSC Corporation

Back Button FDC37C665IR Datasheet HTML 3Page - SMSC Corporation FDC37C665IR Datasheet HTML 4Page - SMSC Corporation FDC37C665IR Datasheet HTML 5Page - SMSC Corporation FDC37C665IR Datasheet HTML 6Page - SMSC Corporation FDC37C665IR Datasheet HTML 7Page - SMSC Corporation FDC37C665IR Datasheet HTML 8Page - SMSC Corporation FDC37C665IR Datasheet HTML 9Page - SMSC Corporation FDC37C665IR Datasheet HTML 10Page - SMSC Corporation FDC37C665IR Datasheet HTML 11Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 162 page
background image
7
DESCRIPTION OF PIN FUNCTIONS
PIN NO.
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION
10
nWrite
Gate
nWGATE
OD20
This active low high current driver allows
current to flow through the write head.
It
becomes active just prior to writing to the
diskette.
9
nWrite
Data
nWDATA
OD20
This active low high current driver provides
the encoded data to the disk drive.
Each
falling edge causes a flux transition on the
media.
11
nHead
Select
nHDSEL
OD20
This high current output selects the floppy
disk side for reading or writing. A logic "1"
on this pin means side 0 will be accessed,
while a logic "0" means side 1 will be ac-
cessed.
7
Direction
Control
nDIR
OD20
This
high
current
low
active
output
determines
the
direction
of
the
head
movement.
A logic "1" on this pin means
outward motion, while a logic "0" means
inward motion.
8
nStep Pulse
nSTEP
OD20
This active low high current driver issues a
low pulse for each track-to-track movement
of the head.
17
Disk Change
nDSKCHG
IS
This input senses that the drive door is open
or that the diskette has possibly been
changed since the last drive selection. This
input is inverted and read via bit 7 of I/O
address 3F7H.
4,3
nDrive Select
O,1
nDS0,1
OD20
Active low open drain outputs select drives
0-1. Refer to Note 2.
97
nDrive Select 3
I/O Address 10
nDS3
A10
0D20
I
In non-ECP mode: Active low open drain
output selects drive 3. Refer to Note 2.
In ECP Mode, this pin is the A10 address
input.
2,5
nMotor On 0,1
nMTR0,1
OD20
These active low open drain outputs select
motor drives 0-1. Refer to Note 1.
96
Motor On 2
nMTR2
nPDACK
OD20
I
Motor On 2: Refer to Note 1.
In ECP Mode, MTR2 is the Parallel Port
DMA Acknowledge input. Active Low.


Similar Part No. - FDC37C665IR

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
FDC37C665GT SMSC-FDC37C665GT Datasheet
621Kb / 152P
   High-Performance Multi-Mode Parallel Port Super I/O Floppy Disk Controllers
FDC37C665GT SMSC-FDC37C665GT Datasheet
434Kb / 152P
   High-Performance Multi-Mode Parallel Port Super I/O Floppy Disk Controllers
FDC37C665GT SMSC-FDC37C665GT_07 Datasheet
434Kb / 152P
   High-Performance Multi-Mode Parallel Port Super I/O Floppy Disk Controllers
More results

Similar Description - FDC37C665IR

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
FDC37C665GT SMSC-FDC37C665GT Datasheet
621Kb / 152P
   High-Performance Multi-Mode Parallel Port Super I/O Floppy Disk Controllers
FDC37C665GT SMSC-FDC37C665GT_07 Datasheet
434Kb / 152P
   High-Performance Multi-Mode Parallel Port Super I/O Floppy Disk Controllers
FDC37C669 SMSC-FDC37C669_07 Datasheet
575Kb / 164P
   PC 98/99 Compliant Super I/O Floppy Disk Controller with Infrared Support
FDC37C669 SMSC-FDC37C669 Datasheet
621Kb / 164P
   PC 98/99 COMPLIANT SUPER I/O FLOPPY DISK CONTROLLER WITH INFRARED SUPPORT
logo
National Semiconductor ...
PC8477B NSC-PC8477B Datasheet
577Kb / 54P
   Advanced Floppy Disk Controller
logo
Microchip Technology
FDC37C669-MT MICROCHIP-FDC37C669-MT Datasheet
593Kb / 162P
   PC 98/99 Compliant Super I/O Floppy Disk Controller
Rev. 06/29/2007
logo
List of Unclassifed Man...
SAB2797B ETC1-SAB2797B Datasheet
1Mb / 30P
   Advanced Floppy Disk Formatter/Controller Family
logo
Microchip Technology
FDC37C78-HT MICROCHIP-FDC37C78-HT Datasheet
345Kb / 82P
   Floppy Disk Controller
Rev. 02-16-07
logo
Toshiba Semiconductor
TC8569AF TOSHIBA-TC8569AF Datasheet
3Mb / 78P
   FLOPPY DISK CONTROLLER
logo
Intel Corporation
82078 INTEL-82078 Datasheet
70Kb / 3P
   FLOPPY DISK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com