Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVC1G3208DCKRE4 Datasheet(PDF) 4 Page - Texas Instruments

Part # 74LVC1G3208DCKRE4
Description  SINGLE 3-INPUT POSITIVE OR-AND GATE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74LVC1G3208DCKRE4 Datasheet(HTML) 4 Page - Texas Instruments

  74LVC1G3208DCKRE4 Datasheet HTML 1Page - Texas Instruments 74LVC1G3208DCKRE4 Datasheet HTML 2Page - Texas Instruments 74LVC1G3208DCKRE4 Datasheet HTML 3Page - Texas Instruments 74LVC1G3208DCKRE4 Datasheet HTML 4Page - Texas Instruments 74LVC1G3208DCKRE4 Datasheet HTML 5Page - Texas Instruments 74LVC1G3208DCKRE4 Datasheet HTML 6Page - Texas Instruments 74LVC1G3208DCKRE4 Datasheet HTML 7Page - Texas Instruments 74LVC1G3208DCKRE4 Datasheet HTML 8Page - Texas Instruments 74LVC1G3208DCKRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
www.ti.com
Recommended Operating Conditions
(1)
SN74LVC1G3208
SINGLE 3-INPUT POSITIVE OR-AND GATE
SCES605A – SEPTEMBER 2004 – REVISED JUNE 2005
MIN
MAX
UNIT
Operating
1.65
5.5
VCC
Supply voltage
V
Data retention only
1.5
VCC = 1.65 V to 1.95 V
0.65 × VCC
VCC = 2.3 V to 2.7 V
1.7
VIH
High-level input voltage
V
VCC = 3 V to 3.6 V
2
VCC = 4.5 V to 5.5 V
0.7 × VCC
VCC = 1.65 V to 1.95 V
0.35 × VCC
VCC = 2.3 V to 2.7 V
0.7
VIL
Low-level input voltage
V
VCC = 3 V to 3.6 V
0.8
VCC = 4.5 V to 5.5 V
0.3 × VCC
VI
Input voltage
0
5.5
V
VO
Output voltage
0
VCC
V
VCC = 1.65 V
–4
VCC = 2.3 V
–8
IOH
High-level output current
VCC = 3 V
–16
mA
–24
VCC = 4.5 V
–32
VCC = 1.65 V
4
VCC = 2.3 V
8
IOL
Low-level output current
VCC = 3 V
16
mA
24
VCC = 4.5 V
32
VCC = 1.8 V ± 0.15 V, 2.5 V ± 0.2 V
20
∆t/∆v
Input transition rise or fall rate
VCC = 3.3 V ± 0.3 V
10
ns/V
VCC = 5 V ± 0.5 V
5
TA
Operating free-air temperature
–40
85
°C
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
4


Similar Part No. - 74LVC1G3208DCKRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74LVC1G3208DCKRE4 TI-74LVC1G3208DCKRE4 Datasheet
607Kb / 16P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE OR-AND GATE
More results

Similar Description - 74LVC1G3208DCKRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G0832 TI-SN74LVC1G0832 Datasheet
281Kb / 13P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE AND-OR GATE
SN74LVC1G3208 TI-SN74LVC1G3208_09 Datasheet
607Kb / 16P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE OR-AND GATE
SN74LVC1G3208-Q1 TI1-SN74LVC1G3208-Q1 Datasheet
380Kb / 11P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE OR-AND GATE
SN74LVC1G0832 TI1-SN74LVC1G0832_07 Datasheet
631Kb / 17P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE AND-OR GATE
JANUARY2007
SN74LVC1G3208-EP TI1-SN74LVC1G3208-EP Datasheet
813Kb / 15P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE OR-AND GATE
SN74LVC1G3208 TI-SN74LVC1G3208_08 Datasheet
489Kb / 15P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE OR-AND GATE
SN74LVC1G332 TI1-SN74LVC1G332_16 Datasheet
1Mb / 26P
[Old version datasheet]   Single 3-Input Positive-OR Gate
SN74LVC1G332 TI-SN74LVC1G332 Datasheet
253Kb / 11P
[Old version datasheet]   SINGLE 3 INPUT POSITIVE OR GATE
logo
Unisonic Technologies
U74LVC1G11 UTC-U74LVC1G11_15 Datasheet
191Kb / 6P
   SINGLE 3-INPUT POSITIVE-AND GATE
logo
Texas Instruments
SN74LVC1G11-EP TI1-SN74LVC1G11-EP_16 Datasheet
838Kb / 12P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE AND GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com