Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NUC120RD3AN Datasheet(PDF) 52 Page - Nuvoton Technology Corporation

Part # NUC120RD3AN
Description  ARM Cortex??M0 32-BIT MICROCONTROLLER
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC120RD3AN Datasheet(HTML) 52 Page - Nuvoton Technology Corporation

Back Button NUC120RD3AN Datasheet HTML 48Page - Nuvoton Technology Corporation NUC120RD3AN Datasheet HTML 49Page - Nuvoton Technology Corporation NUC120RD3AN Datasheet HTML 50Page - Nuvoton Technology Corporation NUC120RD3AN Datasheet HTML 51Page - Nuvoton Technology Corporation NUC120RD3AN Datasheet HTML 52Page - Nuvoton Technology Corporation NUC120RD3AN Datasheet HTML 53Page - Nuvoton Technology Corporation NUC120RD3AN Datasheet HTML 54Page - Nuvoton Technology Corporation NUC120RD3AN Datasheet HTML 55Page - Nuvoton Technology Corporation NUC120RD3AN Datasheet HTML 56Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 89 page
background image
NuMicro
™ NUC120 Data Sheet
Publication Release Date: Jan. 2, 2012
- 52 -
Revision V2.03
e Controller (PS2D)
vice and the host is managed through the CLK and DATA pins. Unlike PS/2
he CLK signal after receiving a
ver communication. DATA sent from the host to
from device to the host is change after rising
to 16 bytes for a
ion
le buffer for data reception
5.13 PS/2 Devic
5.13.1 Overview
PS/2 device controller provides basic timing control for PS/2 communication. All communication
between the de
keyboard or mouse device controller, the received/transmit code needs to be translated as
meaningful code by firmware. The device controller generates t
request to send, but host has ultimate control o
the device is read on the rising edge and DATA sent
edge. A 16 bytes FIFO is used to reduce CPU intervention. S/W can select 1
continuous transmission.
5.13.2 Features
Host communication inhibit and request to send detection
Reception frame error detect
Programmable 1 to 16 bytes transmit buffer to reduce CPU intervention
Doub
S/W override bus


Similar Part No. - NUC120RD3AN

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
NUC120RD3DN NUVOTON-NUC120RD3DN Datasheet
1Mb / 107P
   ARM짰 Cortex짰-M 32-bit Microcontroller
More results

Similar Description - NUC120RD3AN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NUC122ZD2AN ETC2-NUC122ZD2AN Datasheet
1Mb / 66P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100VE3AN ETC2-NUC100VE3AN Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvotem Talema
M0516LAN TALEMA-M0516LAN Datasheet
1Mb / 71P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Holtek Semiconductor In...
HT32F52231 HOLTEK-HT32F52231 Datasheet
4Mb / 50P
   32-Bit ARM Cortex-M0 Microcontroller
logo
Nuvoton Technology Corp...
NUC140 NUVOTON-NUC140 Datasheet
1Mb / 77P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC130LE3CN ETC2-NUC130LE3CN Datasheet
1Mb / 75P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvotem Talema
M058LAN TALEMA-M058LAN Datasheet
1Mb / 71P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100RE3AN TALEMA-NUC100RE3AN Datasheet
1Mb / 60P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Renesas Technology Corp
S124 RENESAS-S124 Datasheet
1Mb / 98P
   32-bit ARM Cortex-M0 microcontroller
logo
List of Unclassifed Man...
NUC100VD2AN ETC2-NUC100VD2AN Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvoton Technology Corp...
NUC100 NUVOTON-NUC100_V01 Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com