Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PALCE16V8 Datasheet(PDF) 5 Page - Cypress Semiconductor

Part No. PALCE16V8
Description  Flash-Erasable Reprogrammable CMOS PAL Device
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PALCE16V8 Datasheet(HTML) 5 Page - Cypress Semiconductor

  PALCE16V8 Datasheet HTML 1Page - Cypress Semiconductor PALCE16V8 Datasheet HTML 2Page - Cypress Semiconductor PALCE16V8 Datasheet HTML 3Page - Cypress Semiconductor PALCE16V8 Datasheet HTML 4Page - Cypress Semiconductor PALCE16V8 Datasheet HTML 5Page - Cypress Semiconductor PALCE16V8 Datasheet HTML 6Page - Cypress Semiconductor PALCE16V8 Datasheet HTML 7Page - Cypress Semiconductor PALCE16V8 Datasheet HTML 8Page - Cypress Semiconductor PALCE16V8 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
USE ULTRA37000™ FOR
ALL NEW DESIGNS
PALCE16V8
Document #: 38-03025 Rev. *A
Page 5 of 13
AC Test Loads and Waveforms
Specification
S1
CL
Commercial
Military
Measured Output Value
R1
R2
R1
R2
tPD, tCO
Closed
50 pF
200
390
390
750
1.5V
tPZX, tEA
Z · H: Open
Z · L: Closed
1.5V
tPXZ, tER
H · Z: Open
L · Z: Closed
5 pF
H · Z: VOH – 0.5V
L · Z: VOL + 0.5V
Commercial and Industrial Switching Characteristics [2]
Parameter
Description
16V8-5
16V8-7
16V8-10
16V8-15
16V8-25
Unit
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
tPD
Input to Output
Propagation Delay[8, 9]
1
5
3
7.5
3
10
3
15
3
25
ns
tPZX
OE to Output Enable
1
6
6
10
15
20
ns
tPXZ
OE to Output Disable
1
5
6
10
15
20
ns
tEA
Input to Output
Enable Delay[7]
1
6
9
10
15
25
ns
tER
Input to Output
Disable Delay[7, 10]
1
5
9
10
15
25
ns
tCO
Clock to Output Delay[8, 9]
1
42
5
2
7
2
10
2
12
ns
tS
Input or Feedback
Set-up Time
3
5
7.5
12
15
ns
tH
Input Hold Time
0
00
0
0
ns
tP
External Clock
Period (tCO + tS)
7
10
14.5
22
27
ns
Shaded areas contain preliminary information.
Notes:
8. Min. times are tested initially and after any design or process changes that may affect these parameters.
9. This specification is guaranteed for all device outputs changing state in a given access cycle.
10. This parameter is measured as the time after OE pin or internal disable input disables or enables the output pin. This delay is measured to the point at which a previous HIGH
level has fallen to 0.5 volts below VOH min. or a previous LOW level has risen to 0.5 volts above VOL max.
11. This specification indicates the guaranteed maximum frequency at which a state machine configuration with external feedback can operate.
12. This specification indicates the guaranteed maximum frequency at which the device can operate in data path mode.
13. This specification indicates the guaranteed maximum frequency at which a state machine configuration with internal only feedback can operate.
14. This parameter is calculated from the clock period at fMAX internal (1/fMAX3) as measured (see Note 7 above) minus tS.
90%
10%
3.0V
GND
90%
10%
ALL INPUT PULSES
<2 ns
<2 ns
OUTPUT
R2
R1
CL
S1
5V
TEST POINT


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
PALCE22V10 Flash-erasable Reprogrammable CMOS PAL Device 1  2  3  4  5  More Cypress Semiconductor
PAL20V8 Flash Erasable Reprogrammable CMOS PAL Device 1  2  3  4  5  More Cypress Semiconductor
PALC22V10 Reprogrammable CMOS PAL Device 1  2  3  Cypress Semiconductor
PALCE20V8 Flash Erasable Reprogrammable CMOS PAL Device 1  2  3  4  5  More Cypress Semiconductor
PALC22V10B Reprogrammable CMOS PAL Device 1  2  3  Cypress Semiconductor
PALC22V10D FLASG ERASABLE REPROGRAMMABLE CMOS PAL DEVICE 1  2  3  4  5  More Cypress Semiconductor
PALCE26V12 28-Pin EE CMOS Versatile PAL Device 1  2  3  4  5  More Advanced Micro Devices
PALCE22V10 24-Pin EE CMOS Zero Power Versatile PAL Device 1  2  3  4  5  More Lattice Semiconductor
PALLV22V10 Low-Voltage Zero Power 24-Pin EE CMOS Versatile PAL Device 1  2  3  4  5  More Lattice Semiconductor
PLDC20G10B CMOS Generic 24-Pin Reprogrammable Logic Device 1  2  3  4  5  More Cypress Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn