Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PT24D5-0.1 Datasheet(PDF) 1 Page - DATEL, Inc.

Part No. PT24D5-0.1
Description  Switching Regulator 1-Watt SIP, ±5 Volts Output
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DATEL [DATEL, Inc.]
Homepage  http://www.datel.com/
Logo 

PT24D5-0.1 Datasheet(HTML) 1 Page - DATEL, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Item # PT24D5-0.1, Switching Regulator 1-Watt SIP, ±5 Volts Output
List Price QUOTE
Specifications
Minimum Input Voltage (V)
21.6
Maximum Input Voltage (V)
26.4
Output Voltage
±5.0 V
Maximum Output Current (A)
0.1
Efficiency (%)
79
Data Sheet (PDF Link)
Switching Regulator 1 Watt
The PT24D5-0.1 offers 1watts of output power in standard 8 pin SIP 0.77 x 0.40 x 0.24
inches packages. It features high efficiency and 1500 Volts of DC isolation. The input voltage
range is 21.6 to 26.4 Volts and delivers a ±5.0 regulated output Voltage. These modules operate
over the ambient operating temperature range of –40°C to +85°C. These converters offer low
noise and ripple.
Please contact DATEL if you are in need for a power product that is not listed on our
website.
DATEL Innovation & Excellence
DATEL | 120 Forbes Blvd., Suite 125 Mansfield, MA 02048 | Phone: +1-508-964-5131 | www.datel.com
© DATEL is a registered trademark of DATEL, Inc.
5/2/2019 | Page 1 of 1


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn