Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XPC7455RX800NC Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # XPC7455RX800NC
Description  RISC Microprocessor Hardware Specifications
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

XPC7455RX800NC Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button XPC7455RX800NC Datasheet HTML 4Page - Freescale Semiconductor, Inc XPC7455RX800NC Datasheet HTML 5Page - Freescale Semiconductor, Inc XPC7455RX800NC Datasheet HTML 6Page - Freescale Semiconductor, Inc XPC7455RX800NC Datasheet HTML 7Page - Freescale Semiconductor, Inc XPC7455RX800NC Datasheet HTML 8Page - Freescale Semiconductor, Inc XPC7455RX800NC Datasheet HTML 9Page - Freescale Semiconductor, Inc XPC7455RX800NC Datasheet HTML 10Page - Freescale Semiconductor, Inc XPC7455RX800NC Datasheet HTML 11Page - Freescale Semiconductor, Inc XPC7455RX800NC Datasheet HTML 12Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
MPC7455 Part Number Specification for the XPC74x5RXnnnNx Series
MOTOROLA
Document Revision History
Document Revision History
Document Revision History
Table B provides a revision history for this part number specification.
Table B. Document Revision History
Rev. No.
Substantive Change(s)
0
Initial release.
0.1
Updated wording in Table A, ‘Significant Differences from Hardware Specification,’ column.
Corrected part number in heading of Table 7 (changed from MPC7450 to MPC7455).
Added Document Revision History section and Table B.
1
Updated Table 7, note 1.
Added Tables 2, 12, 13, and 17.
1.1
Tabled 9: corrected typo in units for Sleep Mode power, changed “W” to “mW”.
Table 17: corrected PLL_CFG values; previous revisions of this specification had swapped PLL_CFG[0]
with PLL_CFG[4].
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - XPC7455RX800NC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
XPC745BPX300LD NXP-XPC745BPX300LD Datasheet
507Kb / 8P
   MPC755 RISC Microprocessor Hardware Specifications Addendum for the XPC7n5BxxnnnLD Series
Rev. 2.1, 02/2006
XPC745BPX350LD NXP-XPC745BPX350LD Datasheet
507Kb / 8P
   MPC755 RISC Microprocessor Hardware Specifications Addendum for the XPC7n5BxxnnnLD Series
Rev. 2.1, 02/2006
More results

Similar Description - XPC7455RX800NC

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC7445 FREESCALE-MPC7445 Datasheet
1Mb / 64P
   RISC Microprocessor Hardware Specifications
KMC7448HX1700LD FREESCALE-KMC7448HX1700LD Datasheet
754Kb / 60P
   RISC Microprocessor Hardware Specifications
MPC7410 FREESCALE-MPC7410_1 Datasheet
865Kb / 56P
   RISC Microprocessor Hardware Specifications
logo
NXP Semiconductors
MPC755EC NXP-MPC755EC Datasheet
1Mb / 56P
   RISC Microprocessor Hardware Specifications
Rev. 8, 02/2006
logo
Motorola, Inc
MPC755 MOTOROLA-MPC755 Datasheet
1Mb / 56P
   RISC Microprocessor Hardware Specifications
logo
Freescale Semiconductor...
MPC7457EC FREESCALE-MPC7457EC Datasheet
1Mb / 68P
   RISC Microprocessor Hardware Specifications
logo
NXP Semiconductors
MPC7447AEC NXP-MPC7447AEC Datasheet
1Mb / 56P
   RISC Microprocessor Hardware Specifications
Rev. 5, 01/2006
logo
Freescale Semiconductor...
MPC7447A FREESCALE-MPC7447A_06 Datasheet
1Mb / 56P
   RISC Microprocessor Hardware Specifications
MPC7448 FREESCALE-MPC7448 Datasheet
1Mb / 60P
   RISC Microprocessor Hardware Specifications
MPC7448EC FREESCALE-MPC7448EC Datasheet
753Kb / 60P
   RISC Microprocessor Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com