Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GR8836CG Datasheet(PDF) 1 Page - Grenergy Opto, lnc.

Part # GR8836CG
Description  Green-Mode PWM Controller with Integrated Protections
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRENERGY [Grenergy Opto, lnc.]
Direct Link  http://www.grenergy-ic.com/
Logo GRENERGY - Grenergy Opto, lnc.

GR8836CG Datasheet(HTML) 1 Page - Grenergy Opto, lnc.

  GR8836CG Datasheet HTML 1Page - Grenergy Opto, lnc. GR8836CG Datasheet HTML 2Page - Grenergy Opto, lnc. GR8836CG Datasheet HTML 3Page - Grenergy Opto, lnc. GR8836CG Datasheet HTML 4Page - Grenergy Opto, lnc. GR8836CG Datasheet HTML 5Page - Grenergy Opto, lnc. GR8836CG Datasheet HTML 6Page - Grenergy Opto, lnc. GR8836CG Datasheet HTML 7Page - Grenergy Opto, lnc. GR8836CG Datasheet HTML 8Page - Grenergy Opto, lnc. GR8836CG Datasheet HTML 9Page - Grenergy Opto, lnc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
2010.04 Ver. 1.21 Copyright Grenergy OPTO, Inc. www.grenergy-ic.com
1
GR8836
Features
Current mode control
Very low startup current
Under-voltage lockout (UVLO)
Non-audible-noise green-mode control
Programmable switching frequency
Cycle-by-cycle peak current limiting
Internal leading-edge blanking
Internal slope compensation
Internal soft start
Gate output voltage clamp
Over-voltage protection (OVP) on VCC pin
Over-load protection (OLP)
Over-current protection (OCP) on CS pin
Over-temperature protection (OTP) on chip
300mA driving capability
Applications
Switching AC/DC power adapter
Battery charger
Open-frame SMPS
Description
The GR8836 is a highly-integrated, low startup
current,
current
mode
PWM
controller
with
green-mode function. This function enables the
power supply to easily meet even the strictest
power conservation requirements. The integrated
functions also include the leading-edge blanking
of the current sensing, internal slope com-
pensation, cycle-by-cycle peak current limiting,
and soft start. OLP, OCP and OVP provide
protection performance for fault conditions. To
protect the external power MOSFET from being
damaged by supply over voltage, the GR8836
OUT pin voltage is clamped to about 18V. The
GR8836 improves the performance and reduces
the cost of power supplies. It is with 8-pin DIP and
6-pin SOT-26 package.
Ordering and Marking Information
DIP-8
SOT-26
Code 1
8
9
A
B
G
H
I
J
Year
2008 2009 2010 2011
2016
2017
2018
2019
Code 2
1
2
3
4
9
A
B
C
Month
Jan.
Feb. Mar.
Apr.
Sep.
Oct.
Nov.
Dec.
Grenergy OPTO Inc. reserves the right to make changes to improve reliability or manufacture ability without notice, and
advise customers to obtain the latest version of relevant information to verify before placing orders.
Green-Mode PWM Controller with Integrated Protections


Similar Part No. - GR8836CG

ManufacturerPart #DatasheetDescription
logo
Grenergy Opto, lnc.
GR8830 GRENERGY-GR8830 Datasheet
936Kb / 13P
   Green-Mode PWM Controller below 100mW Standby Power
GR8830CG GRENERGY-GR8830CG Datasheet
936Kb / 13P
   Green-Mode PWM Controller below 100mW Standby Power
GR8830CL GRENERGY-GR8830CL Datasheet
936Kb / 13P
   Green-Mode PWM Controller below 100mW Standby Power
GR8830JG GRENERGY-GR8830JG Datasheet
936Kb / 13P
   Green-Mode PWM Controller below 100mW Standby Power
GR8830JL GRENERGY-GR8830JL Datasheet
936Kb / 13P
   Green-Mode PWM Controller below 100mW Standby Power
More results

Similar Description - GR8836CG

ManufacturerPart #DatasheetDescription
logo
Grenergy Opto, lnc.
GR8835A GRENERGY-GR8835A Datasheet
926Kb / 14P
   Green-Mode PWM Controller with Integrated Protections
logo
Leadtrend Technology
LD7552B LEADTREND-LD7552B Datasheet
300Kb / 16P
   Green-Mode PWM Controller with Integrated Protections
logo
Grenergy Opto, lnc.
GR8876A GRENERGY-GR8876A Datasheet
896Kb / 15P
   Green-Mode PWM Controller with Integrated Protections
GR8874 GRENERGY-GR8874 Datasheet
904Kb / 15P
   Green-Mode PWM Controller with Integrated Protections
logo
Leadtrend Technology
LD7535 LEADTREND-LD7535 Datasheet
431Kb / 19P
   Green-Mode PWM Controller with Integrated Protections
12/11/2007
logo
Holtek Semiconductor In...
HT7A6003 HOLTEK-HT7A6003 Datasheet
1Mb / 11P
   EMI-Improved Green Mode PWM Controller with Integrated Protections
HT7A6003 HOLTEK-HT7A6003_16 Datasheet
1Mb / 10P
   EMI-Improved Green Mode PWM Controller with Integrated Protections
logo
Leadtrend Technology
LD7536 LEADTREND-LD7536 Datasheet
374Kb / 16P
   Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
LD7536R LEADTREND-LD7536R Datasheet
327Kb / 16P
   Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
LD5530 LEADTREND-LD5530 Datasheet
454Kb / 16P
   Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com