Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GR6004PG Datasheet(PDF) 10 Page - Grenergy Opto, lnc.

Part No. GR6004PG
Description  Constant Current Switching Converter for High Brightness LED Driving
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRENERGY [Grenergy Opto, lnc.]
Direct Link  http://www.grenergy-ic.com/
Logo GRENERGY - Grenergy Opto, lnc.

GR6004PG Datasheet(HTML) 10 Page - Grenergy Opto, lnc.

Back Button GR6004PG Datasheet HTML 5Page - Grenergy Opto, lnc. GR6004PG Datasheet HTML 6Page - Grenergy Opto, lnc. GR6004PG Datasheet HTML 7Page - Grenergy Opto, lnc. GR6004PG Datasheet HTML 8Page - Grenergy Opto, lnc. GR6004PG Datasheet HTML 9Page - Grenergy Opto, lnc. GR6004PG Datasheet HTML 10Page - Grenergy Opto, lnc. GR6004PG Datasheet HTML 11Page - Grenergy Opto, lnc. GR6004PG Datasheet HTML 12Page - Grenergy Opto, lnc. GR6004PG Datasheet HTML 13Page - Grenergy Opto, lnc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
2010.04 Ver. 1.01 Copyright Grenergy OPTO, Inc. www.grenergy-ic.com
10
GR6004
Typical Application Circuit (Cont.)
Figure-4 The constant current application circuit for LED driving with the external PWM dimming function.
Bill of Material of Figure-4
Designator
Qty.
Description
Package
Part Number
Producer
U1
1
Constant Current
Converter
SO8
GR6004
Grenergy
R1
1
300K /±1%
0603
WR06X3003FTL
WALSIN
RS
1
0.56 /±1%
1206
TZAI YUAN
CIN
1
4.7µF /25V
1206
CM21X5R475K25AJ
Kyocera
C1, C2
2
0.1µF/50V
0603
C1608X7R1H104K
TDK
C3
1
1nF/50V
0603
C1608X7R1H102K
TDK
CO
1
1.0µF/25V
0805
C2012Y5V1C105Z
TDK
L1
1
33µH/0.88A
5 X 5 (mm)
PI0504-330
ECORE
D1
1
2A/40V Schottky Diode
SMA
SS24
LI-SION
M1
1
20VGSS/60VDSS, 100mA
NMOSFET
SOT-23
2N7002
LI-SION


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn