Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M58-ZC Datasheet(PDF) 25 Page - Nuvoton Technology Corporation

Part No. M58-ZC
Description  32-BIT MICROCONTROLLER
Download  71 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NUVOTON [Nuvoton Technology Corporation]
Homepage  http://www.nuvoton.com
Logo 

M58-ZC Datasheet(HTML) 25 Page - Nuvoton Technology Corporation

Zoom Inzoom in Zoom Outzoom out
 25 / 71 page
background image
NuMicro
M058/M0516BN Datasheet
Publication Release Date: Mar. 19, 2012
- 25 -
Revision V1.01
6.2.4
Whole System Memory Map
NuMicro M051
series provides a 4G-byte address space. The memory locations assigned to
each on-chip modules are shown in Table 6-1. The detailed register memory addressing and
programming will be described in the following sections for1 individual on-chip peripherals.
NuMicro M051
series only supports little-endian data format.
Address Space
Token
Modules
Flash & SRAM Memory Space
0x0000_0000 – 0x0000_FFFF
FLASH_BA
FLASH Memory Space (64KB)
0x2000_0000 – 0x2000_0FFF
SRAM_BA
SRAM Memory Space (4KB)
EBI Space (0x6000_0000 ~ 0x6001_FFFF)
0x6000_0000 – 0x6001_FFFF
EBI_BA
External Memory Space (128KB)
AHB Modules Space (0x5000_0000 – 0x501F_FFFF)
0x5000_0000 – 0x5000_01FF
GCR_BA
System Global Control Registers
0x5000_0200 – 0x5000_02FF
CLK_BA
Clock Control Registers
0x5000_0300 – 0x5000_03FF
INT_BA
Interrupt Multiplexer Control Registers
0x5000_4000 – 0x5000_7FFF
GPIO_BA
GPIO (P0~P4) Control Registers
0x5000_C000 – 0x5000_FFFF
FMC_BA
Flash Memory Control Registers
0x5001_0000 – 0x5001_03FF
EBI_CTL_BA
EBI Control Registers (128KB)
APB Modules Space (0x4000_0000 ~ 0x400F_FFFF)
0x4000_4000 – 0x4000_7FFF
WDT_BA
Watch-Dog Timer Control Registers
0x4001_0000 – 0x4001_3FFF
TMR01_BA
Timer0/Timer1 Control Registers
0x4002_0000 – 0x4002_3FFF
I2C_BA
I
2
C Interface Control Registers
0x4003_0000 – 0x4003_3FFF
SPI0_BA
SPI0 with master/slave function Control Registers
0x4003_4000 – 0x4003_7FFF
SPI1_BA
SPI1 with master/slave function Control Registers
0x4004_0000 – 0x4004_3FFF
PWMA_BA
PWM0/1/2/3 Control Registers


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn