Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M58-ZC Datasheet(PDF) 18 Page - Nuvoton Technology Corporation

Part No. M58-ZC
Description  32-BIT MICROCONTROLLER
Download  71 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NUVOTON [Nuvoton Technology Corporation]
Homepage  http://www.nuvoton.com
Logo 

M58-ZC Datasheet(HTML) 18 Page - Nuvoton Technology Corporation

Zoom Inzoom in Zoom Outzoom out
 18 / 71 page
background image
NuMicro
M058/M0516BN Datasheet
Publication Release Date: Mar. 19, 2012
- 18 -
Revision V1.01
Pin number
Symbol
Alternate Function
Type
[1]
Description
QFN33
LQFP48
1
2
3
NC
37
P0.3
RTS0
AD3
RXD
[2]
D,
I/O
address for external devices.
These pins which are SPISS1, MOSI_1,
MISO_1, and SPICLK1 for the SPI function
used.
CTS0/1: Clear to Send input pin for UART0/1
RTS0/1: Request to Send output pin for
UART0/1
The RXD/TXD pins are for UART0 function
used.
The RXD1/TXD1 pins are for UART1 function
used.
24
35
P0.4
SPISS1
AD4
D,
I/O
23
34
P0.5
MOSI_1
AD5
D,
I/O
22
33
P0.6
MISO_1
AD6
D,
I/O
21
32
P0.7
SPICLK1
AD7
D,
I/O
29
43
P1.0
T2
AIN0
WRL
I/O
PORT1: Port 1 is an 8-bit four mode output pin
and two mode input. Its multifunction pins are
for T2, T3, RXD1, TXD1, SPISS0, MOSI_0,
MISO_0, and SPICLK0.
These pins which are SPISS0, MOSI_0,
MISO_0, and SCLK0 for the SPI function used.
These pins which are AIN0~AIN7for the 12 bits
ADC function used.
The RXD1/TXD1 pins are for UART1 function
used.
The
WRL / WRH pins are for low/high byte
write enable output in 16-bit data width of EBI.
The CPN0/CPP0 pins are for Comparator0
negative/positive inputs.
The T2/T3 pins are for Timer2/3 external even
counter input.
NC
44
P1.1
T3
AIN1
WRH
I/O
30
45
P1.2
RXD1
[3]
AIN2
I/O
31
46
P1.3
TXD1
[3]
AIN3
I/O
32
47
P1.4
SPISS0
AIN4
CPN0
I/O
1
1
P1.5
MOSI_0
AIN5
CPP0
I/O
NC
2
P1.6
MISO_0
AIN6
I/O
NC
3
P1.7
SPICLK0
AIN7
I/O
NC
19
P2.0
PWM0
[2]
AD8
D,
I/O
PORT2: Port 2 is an 8-bit four mode output pin
and two mode input. It has an alternative
function
P2 has an alternative function as AD[15:8]
while external memory accessing. During the
external memory access, P2 will output high
will be internal strong pulled-up rather than
weak pull-up in order to drive out high byte
address for external devices.
These pins which are PWM0~PWM7 for the
PWM function used in the LQFP48 package.
NC
20
P2.1
PWM1
[2]
AD9
D,
I/O
14
21
P2.2
PWM2
[2]
AD10
D,
I/O
15
22
P2.3
PWM3
[2]
AD11
D,
I/O


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn