Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M58-ZC Datasheet(PDF) 17 Page - Nuvoton Technology Corporation

Part No. M58-ZC
Description  32-BIT MICROCONTROLLER
Download  71 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NUVOTON [Nuvoton Technology Corporation]
Homepage  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M58-ZC Datasheet(HTML) 17 Page - Nuvoton Technology Corporation

Back Button M58-ZC Datasheet HTML 13Page - Nuvoton Technology Corporation M58-ZC Datasheet HTML 14Page - Nuvoton Technology Corporation M58-ZC Datasheet HTML 15Page - Nuvoton Technology Corporation M58-ZC Datasheet HTML 16Page - Nuvoton Technology Corporation M58-ZC Datasheet HTML 17Page - Nuvoton Technology Corporation M58-ZC Datasheet HTML 18Page - Nuvoton Technology Corporation M58-ZC Datasheet HTML 19Page - Nuvoton Technology Corporation M58-ZC Datasheet HTML 20Page - Nuvoton Technology Corporation M58-ZC Datasheet HTML 21Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 71 page
background image
NuMicro
M058/M0516BN Datasheet
Publication Release Date: Mar. 19, 2012
- 17 -
Revision V1.01
5.3
Pin Description
Pin number
Symbol
Alternate Function
Type
[1]
Description
QFN33
LQFP48
1
2
3
11
16
XTAL1
I
(ST)
CRYSTAL1: This is the input pin to the internal
inverting amplifier. The system clock is from
external crystal or resonator when FOSC[1:0]
(CONFIG3[1:0]) are both logic 1 by default.
10
15
XTAL2
O
CRYSTAL2: This is the output pin from the
internal inverting amplifier. It emits the inverted
signal of XTAL1.
27
41
VDD
P
POWER SUPPLY: Power supply to I/O ports
and LDO source for internal PLL and digital
circuit.
12
17
VSS
P
GROUND: Digital Ground potential.
33
28
42
AVDD
P
POWER SUPPLY: Power supply to internal
analog circuit.
4
6
AVSS
P
GROUND: Analog Ground potential.
13
18
LDO_CAP
P
LDO: LDO output pin
Note: It needs to be connected with a 1uF
capacitor.
2
4
RST
I
(ST)
RESET: /RST pin is a Schmitt trigger input pin
for hardware device reset. A “Low” on this pin
for 768 clock counter of Internal RC 22M while
the system clock is running will reset the
device. /RST pin has an internal pull-up
resistor allowing power-on reset by simply
connecting an external capacitor to GND.
26
40
P0.0
CTS1
AD0
TXD1
[2]
D,
I/O
PORT0: Port 0 is an 8-bit four mode output pin
and two mode input. Its multifunction pins are
for CTS1, RTS1, CTS0, RTS0, SPISS1,
MOSI_1, MISO_1, and SPICLK1.
P0 has an alternative function as AD[7:0] while
external memory accessing. During the
external memory access, P0 will output high
will be internal strong pulled-up rather than
weak pull-up in order to drive out high byte
25
39
P0.1
RTS1
AD1
RXD1
[2]
D,
I/O
NC
38
P0.2
CTS0
AD2
TXD
[2]
D,
I/O


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn