Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M58-ZC Datasheet(PDF) 14 Page - Nuvoton Technology Corporation

Part No. M58-ZC
Description  32-BIT MICROCONTROLLER
Download  71 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NUVOTON [Nuvoton Technology Corporation]
Homepage  http://www.nuvoton.com
Logo 

M58-ZC Datasheet(HTML) 14 Page - Nuvoton Technology Corporation

Zoom Inzoom in Zoom Outzoom out
 14 / 71 page
background image
NuMicro
M058/M0516BN Datasheet
Publication Release Date: Mar. 19, 2012
- 14 -
Revision V1.01
4
SELECTION TABLE
NuMicro M051™ Series Selection Guide
Part number
APROM
RAM
Data
Flash
LDROM
I/O
Timer
Connectivity
COMP PWM
ADC
EBI
ISP
ICP
Package
UART
SPI
I2C
M058LBN
32KB
4KB
4KB
4KB
40
4x32-bit
2
2
1
2
8
8X12-bit
v
v
LQFP48
M058ZBN
32KB
4KB
4KB
4KB
24
4x32-bit
2
1
1
2
5
8X12-bit
v
QFN33
M0516LBN
64KB
4KB
4KB
4KB
40
4x32-bit
2
2
1
2
8
8X12-bit
v
v
LQFP48
M0516ZBN
64KB
4KB
4KB
4KB
24
4x32-bit
2
1
1
2
5
8X12-bit
v
QFN33
Table 4-1 NuMicro
 M051 Series Product Selection Guide
M0 5X - X X X
ARM Cortex M0
L : LQFP 48
Z : QFN 33
N :- 40℃ ~ +85℃
E :- 40℃ ~+105℃
C :- 40℃ ~+125℃
M0
- X X X
CPU core
58 : 32K Flash ROM
516 : 64K Flash ROM
N :- 40℃ ~ +85℃
E :- 40℃ ~+105℃
C :- 40℃ ~+125℃
Reserved
Part Number
Temperature
Package
Figure 4-1 NuMicro
 Naming Rule


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn