Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M58-ZC Datasheet(PDF) 11 Page - Nuvoton Technology Corporation

Part No. M58-ZC
Description  32-BIT MICROCONTROLLER
Download  71 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NUVOTON [Nuvoton Technology Corporation]
Homepage  http://www.nuvoton.com
Logo 

M58-ZC Datasheet(HTML) 11 Page - Nuvoton Technology Corporation

Zoom Inzoom in Zoom Outzoom out
 11 / 71 page
background image
NuMicro
M058/M0516BN Datasheet
Publication Release Date: Mar. 19, 2012
- 11 -
Revision V1.01
Serial clock synchronization can be used as a handshake mechanism to suspend and
resume serial transfer.
Programmable clocks allow versatile rate control.
Supports multiple address recognition (four slave address with mask option)
ADC
12-bit SAR ADC with 760k SPS
Up to 8-ch single-ended input or 4-ch differential input
Supports single mode/burst mode/single-cycle scan mode/continuous scan mode
Supports 2’ complement/un-signed format in differential mode conversion result
Each channel with an individual result register
Supports conversion value monitoring (or comparison) for threshold voltage detection
Conversion can be started either by software trigger or external pin trigger
Analog Comparator
Up to 2 comparator analog modules
External input or internal band gap voltage selectable at negative node
Interrupt when compare result change
Power down wake up
EBI (External Bus Interface) for external memory-mapped device access
Accessible space: 64KB in 8-bit mode or 128KB in 16-bit mode
Supports 8-bit/16-bit data width
Supports byte-write in 16-bit data width
In-System Programming (ISP) and In-Circuit Programming (ICP)
One built-in temperature sensor with 1℃ resolution
Brown-Out Detector
With 4 levels: 4.3V/3.7V/2.7V/2.2V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn