Electronic Components Datasheet Search |
|
M58-ZC Datasheet(PDF) 9 Page - Nuvoton Technology Corporation |
|
M58-ZC Datasheet(HTML) 9 Page - Nuvoton Technology Corporation |
9 / 71 page NuMicro ™ M058/M0516BN Datasheet Publication Release Date: Mar. 19, 2012 - 9 - Revision V1.01 Open-Drain output Input only with high impendence TTL/Schmitt trigger input selectable I/O pin can be configured as interrupt source with edge/level setting Supports high driver and high sink IO mode Timer Provides four channel 32-bit timers, one 8-bit pre-scale counter with 24-bit up-timer for each timer. Independent clock source for each timer. 24-bit timer value is readable through TDR (Timer Data Register) Provides one-shot, periodic and toggle operation modes. Provide event counter function. Provide external capture/reset counter function equivalent to 8051 Timer2. Watchdog Timer Multiple clock sources Supports wake up from power down or sleep mode Interrupt or reset selectable on watchdog time-out PWM Built-in up to four 16-bit PWM generators; providing eight PWM outputs or four complementary paired PWM outputs Individual clock source, clock divider, 8-bit pre-scalar and dead-zone generator for each PWM generator PWM interrupt synchronized to PWM period 16-bit digital Capture timers (shared with PWM timers) with rising/falling capture inputs Supports capture interrupt UART |
Similar Part No. - M58-ZC |
|
Similar Description - M58-ZC |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |