Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M58-ZC Datasheet(PDF) 68 Page - Nuvoton Technology Corporation

Part No. M58-ZC
Description  32-BIT MICROCONTROLLER
Download  71 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NUVOTON [Nuvoton Technology Corporation]
Homepage  http://www.nuvoton.com
Logo 

M58-ZC Datasheet(HTML) 68 Page - Nuvoton Technology Corporation

 
Zoom Inzoom in Zoom Outzoom out
 68 / 71 page
background image
NuMicro
M058/M0516BN Datasheet
Publication Release Date: Mar. 19, 2012
- 68 -
Revision V1.01
9
PACKAGE DIMENSIONS
9.1
LQFP-48 (7x7x1.4mm
2 Footprint 2.0mm)
Y
SEATING PLANE
D
E
e
b
A2
A1
A
1
12
48
D
H
E
H
L1
L
c
θ
Controlling dimension : Millimeters
0.10
0
7
0
0.004
1.00
0.75
0.60
0.45
0.039
0.030
0.024
0.018
9.10
9.00
8.90
0.358
0.354
0.350
0.50
0.20
0.25
1.45
1.40
0.10
0.15
1.35
0.008
0.010
0.057
0.055
0.026
7.10
7.00
6.90
0.280
0.276
0.272
0.004
0.006
0.053
Symbol
Min Nom Max
Max
Nom
Min
Dimension in inch
Dimension in mm
A
b
c
D
e
HD
HE
L
Y
0
A
A
L1
1
2
E
0.008
0.006
0.15
0.20
7
0.020
0.35
0.65
0.10
0.05
0.002 0.004
0.006
0.15
9.10
9.00
8.90
0.358
0.354
0.350
7.10
7.00
6.90
0.280
0.276
0.272
0.014
37
36
25
24
13


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn