Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M58-ZC Datasheet(PDF) 67 Page - Nuvoton Technology Corporation

Part No. M58-ZC
Description  32-BIT MICROCONTROLLER
Download  71 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NUVOTON [Nuvoton Technology Corporation]
Homepage  http://www.nuvoton.com
Logo 

M58-ZC Datasheet(HTML) 67 Page - Nuvoton Technology Corporation

 
Zoom Inzoom in Zoom Outzoom out
 67 / 71 page
background image
NuMicro
M058/M0516BN Datasheet
Publication Release Date: Mar. 19, 2012
- 67 -
Revision V1.01
8.5 Flash DC Electrical Characteristics
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Nendu
Endurance
100000
cycles
[1]
Tret
Retention time
Temp=85 ℃
10
year
Terase
Page erase time
19
20
21
ms
Tmess
Mess erase time
30
40
50
ms
Tprog
Program time
38
40
42
us
VDD
Supply voltage
1.62
1.8
1.98
V
[2]
Idd1
Read current
0.25
mA
Idd2
Program/Erase current
7
mA
Ipd
Power down current
1
20
uA
1. Number of program/erase cycles.
2. VDD is source from chip LDO output voltage.
3. Guaranteed by design, not test in production.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn