Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M58-ZC Datasheet(PDF) 65 Page - Nuvoton Technology Corporation

Part No. M58-ZC
Description  32-BIT MICROCONTROLLER
Download  71 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NUVOTON [Nuvoton Technology Corporation]
Homepage  http://www.nuvoton.com
Logo 

M58-ZC Datasheet(HTML) 65 Page - Nuvoton Technology Corporation

Zoom Inzoom in Zoom Outzoom out
 65 / 71 page
background image
NuMicro
M058/M0516BN Datasheet
Publication Release Date: Mar. 19, 2012
- 65 -
Revision V1.01
8.4.3
Specification of Low Voltage Reset
PARAMETER
CONDITION
MIN.
TYP.
MAX.
UNIT
Operation voltage
-
2.5
5
5.5
V
Temperature
-
-40
25
85
Quiescent current
VDD =5.5V
-
-
5
uA
Threshold voltage
Temperature=25°
1.7
2.0
2.3
V
Temperature=-40°
-
2.3
-
V
Temperature=85°
-
1.8
-
V
Hysteresis
-
0
0
0
V
8.4.4
Specification of Brown-Out Detector
Parameter
Condition
Min.
Typ.
Max.
Unit
Operation voltage
-
2.5
-
5.5
V
Quiescent current
AVDD =5.5V
-
-
140
μA
Temperature
-
-40
25
85
Brown-Out voltage
BOV_VL[1:0]=11
4.1
4.3
4.5
V
BOV_VL [1:0]=10
3.5
3.7
3.9
V
BOV_VL [1:0]=01
2.5
2.7
2.9
V
BOV_VL [1:0]=00
2.0
2.2
2.4
V
Hysteresis
-
30m
-
150m
V
8.4.5
Specification of Power-On Reset (5V)
Parameter
Condition
Min.
Typ.
Max.
Unit
Temperature
-
-40
25
85
Reset voltage
V+
-
2
-
V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn