Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M58-ZC Datasheet(PDF) 59 Page - Nuvoton Technology Corporation

Part No. M58-ZC
Description  32-BIT MICROCONTROLLER
Download  71 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NUVOTON [Nuvoton Technology Corporation]
Homepage  http://www.nuvoton.com
Logo 

M58-ZC Datasheet(HTML) 59 Page - Nuvoton Technology Corporation

Zoom Inzoom in Zoom Outzoom out
 59 / 71 page
background image
NuMicro
M058/M0516BN Datasheet
Publication Release Date: Mar. 19, 2012
- 59 -
Revision V1.01
Input Low Voltage
XT1[*2]
VIL3
0
-
0.8
V
VDD = 4.5V
0
-
0.4
VDD = 2.5V
Input High Voltage
XT1[*2]
VIH3
3.5
-
VDD
+0.2
V
VDD = 5.5V
2.4
-
VDD
+0.2
VDD = 3.0V
Negative going threshold
(Schmitt input), /RST
VILS
-0.5
-
0.2 VDD
V
Positive going threshold
(Schmitt input), /RST
VIHS
0.7 VDD
-
VDD
+0.5
V
Internal /RST pin pull up
resistor
RRST
40
150
Negative going threshold
(Schmitt input),
P0/1/2/3/4
VILS
-0.5
-
0.3 VDD
V
Positive going threshold
(Schmitt input),
P0/1/2/3/4
VIHS
0.7 VDD
-
VDD
+0.5
V
Source Current
P0/1/2/3/4 (Quasi-
bidirectional Mode)
ISR11
-300
-370
-450
µA
VDD = 4.5V, VS = 2.4V
ISR12
-50
-70
-90
µA
VDD = 2.7V, VS = 2.2V
ISR13
-40
-60
-80
µA
VDD = 2.5V, VS = 2.0V
Source Current
P0/1/2/3/4 (Push-pull
Mode)
ISR21
-20
-24
-28
mA
VDD = 4.5V, VS = 2.4V
ISR22
-4
-6
-8
mA
VDD = 2.7V, VS = 2.2V
ISR23
-3
-5
-7
mA
VDD = 2.5V, VS = 2.0V
Sink Current P0/1/2/3/4
(Quasi-bidirectional and
Push-pull Mode)
ISK11
10
16
20
mA
VDD = 4.5V, VS = 0.45V
ISK12
7
10
13
mA
VDD = 2.7V, VS = 0.45V
ISK13
6
9
12
mA
VDD = 2.5V, VS = 0.45V
Brown-Out voltage with
BOV_VL [1:0] =00b
VBO2.2
2.0
2.2
2.4
V
VDD =5.5V
Brown-Out voltage with
BOV_VL [1:0] =01b
VBO2.7
2.5
2.7
2.9
V
VDD =5.5V
Brown-Out voltage with
BOV_VL [1:0] =10b
VBO3.8
3.5
3.7
3.9
V
VDD =5.5V
Brown-Out voltage with
BOV_VL [1:0] =11b
VBO4.5
4.1
4.3
4.5
V
VDD =5.5V
Hysteresis range of BOD
voltage
VBH
30
-
150
mV
VDD = 2.5V~5.5V
Notes:
1. /RST pin is a Schmitt trigger input.
2. XTAL1 is a CMOS input.
3. Pins of P0, P1, P2, P3 and P4 can source a transition current when they are being externally driven from 1 to 0. In the condition of VDD=5.5V, 5he transition current
reaches its maximum value when Vin approximates to 2V .


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn