Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M58-ZC Datasheet(PDF) 57 Page - Nuvoton Technology Corporation

Part No. M58-ZC
Description  32-BIT MICROCONTROLLER
Download  71 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NUVOTON [Nuvoton Technology Corporation]
Homepage  http://www.nuvoton.com
Logo 

M58-ZC Datasheet(HTML) 57 Page - Nuvoton Technology Corporation

Zoom Inzoom in Zoom Outzoom out
 57 / 71 page
background image
NuMicro
M058/M0516BN Datasheet
Publication Release Date: Mar. 19, 2012
- 57 -
Revision V1.01
IDD12
2.3
mA
VDD = 3.3V@12MHz,
disable all IP and disable PLL,
XTAL=12MHz
Operating Current
Normal Run Mode
@ 4 MHz
IDD13
3.4
mA
VDD = 5.5V@4MHz,
enable
all
IP
and
disable
PLL,
XTAL=4MHz
IDD14
2.6
mA
VDD = 5.5V@4MHz,
disable
all
IP
and
disable
PLL,
XTAL=4MHz
IDD15
2.0
mA
VDD = 3.3V@4MHz,
enable
all
IP
and
disable
PLL,
XTAL=4MHz
IDD16
1.3
mA
VDD = 3.3V@4MHz,
disable
all
IP
and
disable
PLL,
XTAL=4MHz
Operating Current
Normal Run Mode
@10Khz
IDD17
98.7
uA
VDD = 5.5V@10KHz,
enable all IP and IRC10K,
disable PLL
IDD18
97.4
uA
VDD = 5.5V@10KHz,
disable all IP and enable IRC10K,
disable PLL
IDD19
86.4
uA
VDD = 3.3V@10KHz,
enable all IP and IRC10K,
disable PLL
IDD20
85.2
uA
VDD = 3.3V@10KHz,
disable all IP and enable IRC10K,
disable PLL
Operating Current
Idle Mode
@ 50 MHz
IIDLE1
16.2
mA
VDD = 5.5V@50 MHz, enable all IP and
PLL, XTAL=12 MHz
IIDLE2
10.0
mA
VDD =5.5V@50 MHz, disable all IP and
enable PLL, XTAL=12 MHz
IIDLE3
14.6
mA
VDD = 3V@50 MHz, enable all IP and PLL,
XTAL=12 MHz
IIDLE4
8.5
mA
VDD = 3V@50 MHz, disable all IP and
enable PLL, XTAL=12 MHz
Operating Current
Idle Mode
@ 22Mhz
IIDLE5
4.3
mA
VDD = 5.5V@22MHz,
enable all IP and IRC22M,
disable PLL
IIDLE6
1.5
mA
VDD =5.5V@22MHz,
disable all IP and enable IRC22M,
disable PLL
IIDLE7
4.2
mA
VDD = 3.3V@22MHz,
enable all IP and IRC22M,
disable PLL
IIDLE8
1.4
mA
VDD = 3.3V@22MHz,
disable all IP and enable IRC22M,
disable PLL


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn