Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M58-ZC Datasheet(PDF) 55 Page - Nuvoton Technology Corporation

Part No. M58-ZC
Description  32-BIT MICROCONTROLLER
Download  71 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NUVOTON [Nuvoton Technology Corporation]
Homepage  http://www.nuvoton.com
Logo 

M58-ZC Datasheet(HTML) 55 Page - Nuvoton Technology Corporation

Zoom Inzoom in Zoom Outzoom out
 55 / 71 page
background image
NuMicro
M058/M0516BN Datasheet
Publication Release Date: Mar. 19, 2012
- 55 -
Revision V1.01
8
ELECTRICAL CHARACTERISTICS
8.1
Absolute Maximum Ratings
SYMBOL
PARAMETER
MIN
MAX
UNIT
DC Power Supply
VDD VSS
-0.3
+7.0
V
Input Voltage
VIN
VSS-0.3
VDD +0.3
V
Oscillator Frequency
1/tCLCL
4
24
MHz
Operating Temperature
TA
-40
+85
°C
Storage Temperature
TST
-55
+150
°C
Maximum Current into
VDD
-
120
mA
Maximum Current out of
VSS
120
mA
Maximum Current sunk by a I/O pin
35
mA
Maximum Current sourced by a I/O
pin
35
mA
Maximum Current sunk by total I/O
pins
100
mA
Maximum Current sourced by total
I/O pins
100
mA
Note: Exposure to conditions beyond those listed under absolute maximum ratings may adversely affects the lift and reliability of the device.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn