Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M58-ZC Datasheet(PDF) 49 Page - Nuvoton Technology Corporation

Part # M58-ZC
Description  32-BIT MICROCONTROLLER
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M58-ZC Datasheet(HTML) 49 Page - Nuvoton Technology Corporation

Back Button M58-ZC Datasheet HTML 45Page - Nuvoton Technology Corporation M58-ZC Datasheet HTML 46Page - Nuvoton Technology Corporation M58-ZC Datasheet HTML 47Page - Nuvoton Technology Corporation M58-ZC Datasheet HTML 48Page - Nuvoton Technology Corporation M58-ZC Datasheet HTML 49Page - Nuvoton Technology Corporation M58-ZC Datasheet HTML 50Page - Nuvoton Technology Corporation M58-ZC Datasheet HTML 51Page - Nuvoton Technology Corporation M58-ZC Datasheet HTML 52Page - Nuvoton Technology Corporation M58-ZC Datasheet HTML 53Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 71 page
background image
NuMicro
M058/M0516BN Datasheet
Publication Release Date: Mar. 19, 2012
- 49 -
Revision V1.01
System clock = 22.1184MHz
Baud rate
Mode0
Mode1
Mode2
921600
Not support
A=0,B=11
A=22
460800
A=1
A=1,B=15
A=2,B=11
A=46
230400
A=4
A=4,B=15
A=6,B=11
A=94
115200
A=10
A=10,B=15
A=14,B=11
A=190
57600
A=22
A=22,B=15
A=30,B=11
A=382
38400
A=34
A=62,B=8
A=46,B=11
A=34,B=15
A=574
19200
A=70
A=126,B=8
A=94,B=11
A=70,B=15
A=1150
9600
A=142
A=254,B=8
A=190,B=11
A=142,B=15
A=2302
4800
A=286
A=510,B=8
A=382,B=11
A=286,B=15
A=4606
Table 6-4 UART Baud Rate Setting Table
The UART0 and UART1 controllers support auto-flow control function that uses two low-level
signals, /CTS (clear-to-send) and /RTS (request-to-send), to control the flow of data transfer
between the UART and external devices (ex: Modem). When auto-flow is enabled, the UART is
not allowed to receive data until the UART asserts /RTS to external device. When the number of
bytes in the RX FIFO equals the value of RTS_TRI_LEV (UA_FCR [19:16]), the /RTS is de-
asserted. The UART sends data out when UART controller detects /CTS is asserted from external
device. If the valid asserted /CTS is not detected, the UART controller will not send data out.
The UART controllers also provides Serial IrDA (SIR, Serial Infrared) function (User must set
UA_FUN_SEL [1:0] = ’10’ to enable IrDA function). The SIR specification defines a short-range
infrared asynchronous serial transmission mode with one start bit, 8 data bits, and 1 stop bit. The
maximum data rate is 115.2 Kbps (half duplex). The IrDA SIR block contains an IrDA SIR
Protocol encoder/decoder. The IrDA SIR protocol is half-duplex only. So it cannot transmit and
receive data at the same time. The IrDA SIR physical layer specifies a minimum 10ms transfer
delay between transmission and reception. This delay feature must be implemented by software.


Similar Part No. - M58-ZC

ManufacturerPart #DatasheetDescription
logo
Harwin Plc
M58-2500342R HARWIN-M58-2500342R Datasheet
309Kb / 2P
   FEMALE 0.5mm PITCH BOARD TO BOARD VERTICAL SMT
M58-2500442R HARWIN-M58-2500442R Datasheet
309Kb / 2P
   FEMALE 0.5mm PITCH BOARD TO BOARD VERTICAL SMT
M58-2500842R HARWIN-M58-2500842R Datasheet
309Kb / 2P
   FEMALE 0.5mm PITCH BOARD TO BOARD VERTICAL SMT
M58-2501042R HARWIN-M58-2501042R Datasheet
309Kb / 2P
   FEMALE 0.5mm PITCH BOARD TO BOARD VERTICAL SMT
M58-250R HARWIN-M58-250R Datasheet
309Kb / 2P
   FEMALE 0.5mm PITCH BOARD TO BOARD VERTICAL SMT
More results

Similar Description - M58-ZC

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB91301A FUJITSU-MB91301A Datasheet
4Mb / 622P
   32-BIT MICROCONTROLLER
MB91F367GA FUJITSU-MB91F367GA Datasheet
713Kb / 62P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC100LC1DN ETC2-NUC100LC1DN Datasheet
1Mb / 107P
   32-bit Microcontroller
NUC140LC1CN ETC2-NUC140LC1CN Datasheet
1Mb / 77P
   32-BIT MICROCONTROLLER
logo
Cypress Semiconductor
MB91F469GA CYPRESS-MB91F469GA Datasheet
6Mb / 147P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
M052 NUVOTON-M052 Datasheet
1Mb / 71P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUMAKER ETC2-NUMAKER Datasheet
1Mb / 71P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
NANO120 NUVOTON-NANO120 Datasheet
1Mb / 18P
   32-bit Microcontroller
logo
Fujitsu Component Limit...
MB91230 FUJITSU-MB91230 Datasheet
298Kb / 66P
   32-bit Microcontroller
MB91305 FUJITSU-MB91305 Datasheet
880Kb / 90P
   32-bit Microcontroller
MB91F467BA FUJITSU-MB91F467BA Datasheet
1Mb / 136P
   32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com