Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M58-ZC Datasheet(PDF) 47 Page - Nuvoton Technology Corporation

Part No. M58-ZC
Description  32-BIT MICROCONTROLLER
Download  71 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NUVOTON [Nuvoton Technology Corporation]
Homepage  http://www.nuvoton.com
Logo 

M58-ZC Datasheet(HTML) 47 Page - Nuvoton Technology Corporation

Zoom Inzoom in Zoom Outzoom out
 47 / 71 page
background image
NuMicro
M058/M0516BN Datasheet
Publication Release Date: Mar. 19, 2012
- 47 -
Revision V1.01
110
2
16 * T
WDT
1024 * TWDT
6.5536 s ~ 6.656 s
111
2
18 * T
WDT
1024 * TWDT
26.2144 s ~ 26.3168 s
Table 6-2 Watchdog Timeout Interval Selection
TTIS
RST
INT
1024 * TWDT
63 * TWDT
Minimum TWTR
TINT
TRST
Maximum TWTR
TWDT
T
WDT : Watchdog Engine Clock Time Period
T
TIS
: Watchdog Timeout Interval Selection Period
T
INT
: Watchdog Interrupt Period
T
RST
: Watchdog Reset Period
T
WTR : Watchdog Timeout Interval Period
Figure 6-14 Timing of Interrupt and Reset Signal
6.9.2
Features
 18-bit free running counter to avoid chip from Watchdog timer reset before the delay time
expires.
 Selectable time-out interval (2
4 ~ 218) and the time out interval is 104 ms ~ 26.3168 s (if
WDT_CLK = 10 kHz).
 Reset period = (1 / 10 kHz) * 63, if WDT_CLK = 10 kHz.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn