Electronic Components Datasheet Search |
|
M58-ZC Datasheet(PDF) 44 Page - Nuvoton Technology Corporation |
|
M58-ZC Datasheet(HTML) 44 Page - Nuvoton Technology Corporation |
44 / 71 page NuMicro ™ M058/M0516BN Datasheet Publication Release Date: Mar. 19, 2012 - 44 - Revision V1.01 6.7 Serial Peripheral Interface (SPI) 6.7.1 Overview The Serial Peripheral Interface (SPI) is a synchronous serial data communication protocol which operates in full duplex mode. Devices communicate in master/slave mode with 4-wire bi-direction interface. NuMicro M051 ™ series contains up to two sets of SPI controller performing a serial-to- parallel conversion on data received from a peripheral device, and a parallel-to-serial conversion on data transmitted to a peripheral device. Each set of SPI controller can be set as a master, it also can be configured as a slave device controlled by an off-chip master device. This controller supports a variable serial clock for special application. 6.7.2 Features Up to two sets of SPI controller Support master or slave mode operation Configurable bit length up to 32-bit of a transfer word and configurable word numbers up to 2 of a transaction, so the maximum bit length is 64-bit for each data transfer Provide burst mode operation, transmit/receive can be transferred up to two times word transaction in one transfer Support MSB or LSB first transfer Support byte reorder function Support byte or word suspend mode Support two programmable serial clock frequencies in master mode Support three wire, no slave select signal, bi-direction interface The SPI clock rate can be configured to equal the system clock rate |
Similar Part No. - M58-ZC |
|
Similar Description - M58-ZC |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |