Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M58-ZC Datasheet(PDF) 43 Page - Nuvoton Technology Corporation

Part No. M58-ZC
Description  32-BIT MICROCONTROLLER
Download  71 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NUVOTON [Nuvoton Technology Corporation]
Homepage  http://www.nuvoton.com
Logo 

M58-ZC Datasheet(HTML) 43 Page - Nuvoton Technology Corporation

Zoom Inzoom in Zoom Outzoom out
 43 / 71 page
background image
NuMicro
M058/M0516BN Datasheet
Publication Release Date: Mar. 19, 2012
- 43 -
Revision V1.01
PIIR to get interrupt source and Read PWM_CRLx/PWM_CFLx(x=0 and 3) to get capture value
and finally write 1 to clear PIIR. If interrupt latency will take time T0 to finish, the capture signal
mustn’t transition during this interval (T0). In this case, the maximum capture frequency will be
1/T0. For example:
HCLK = 50 MHz, PWM_CLK = 25 MHz, Interrupt latency is 900 ns
So the maximum capture frequency will is 1/900ns ≈ 1000 kHz
6.6.2
Features
6.6.2.1
PWM function features:
PWM group has two PWM generators. Each PWM generator supports one 8-bit prescaler, one
clock divider, two PWM-timers (down counter), one dead-zone generator and two PWM outputs.
Up to 16 bits resolution
PWM Interrupt request synchronized with PWM period
One-shot or Auto-reload mode PWM
Up to 2 PWM group (PWMA/PWMB) to support 8 PWM channels
6.6.2.2
Capture Function Features:
Timing control logic shared with PWM Generators
8 capture input channels shared with 8 PWM output channels
Each channel supports one rising latch register (CRLR), one falling latch register (CFLR)
and Capture interrupt flag (CAPIFx)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn