Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M58-ZC Datasheet(PDF) 37 Page - Nuvoton Technology Corporation

Part # M58-ZC
Description  32-BIT MICROCONTROLLER
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M58-ZC Datasheet(HTML) 37 Page - Nuvoton Technology Corporation

Back Button M58-ZC Datasheet HTML 33Page - Nuvoton Technology Corporation M58-ZC Datasheet HTML 34Page - Nuvoton Technology Corporation M58-ZC Datasheet HTML 35Page - Nuvoton Technology Corporation M58-ZC Datasheet HTML 36Page - Nuvoton Technology Corporation M58-ZC Datasheet HTML 37Page - Nuvoton Technology Corporation M58-ZC Datasheet HTML 38Page - Nuvoton Technology Corporation M58-ZC Datasheet HTML 39Page - Nuvoton Technology Corporation M58-ZC Datasheet HTML 40Page - Nuvoton Technology Corporation M58-ZC Datasheet HTML 41Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 71 page
background image
NuMicro
M058/M0516BN Datasheet
Publication Release Date: Mar. 19, 2012
- 37 -
Revision V1.01
6.4 General Purpose I/O
6.4.1
Overview
There are 40 General Purpose I/O pins shared with special feature functions in this MCU. The 40
pins are arranged in 5 ports named with P0, P1, P2, P3 and P4. Each port equips maximum 8
pins. Each one of the 40 pins is independent and has the corresponding register bits to control the
pin mode function and data
The I/O type of each of I/O pins can be software configured individually as input, output, open-
drain or quasi-bidirectional mode. The all pins of I/O type stay in quasi-bidirectional mode and port
data register Px_DOUT[7:0] resets to 0x000_00FF. Each I/O pin equips a very weakly individual
pull-up resistor which is about 110K
Ω~300KΩ for V
DD is from 5.0V to 2.5V.
6.4.1.1
Input Mode Explanation
Set Px_PMD
(PMDn[1:0]) to 00b the Px[n] pin is in Input mode and the I/O pin is in tri-state(high
impedance) without output drive capability. The Px_PIN value reflects the status of the corresponding
port pins.
6.4.1.2
Output Mode Explanation
Set Px_PMD
(PMDn[1:0]) to 2’b01 the Px[n] pin is in Output mode and the I/O pin supports digital
output function with source/sink current capability. The bit value in the corresponding bit [n] of
Px_DOUT is driven on the pin.
Port Pin
Input Data
Port Latch
Data
P
N
VDD
Figure 6-10 Push-Pull Output


Similar Part No. - M58-ZC

ManufacturerPart #DatasheetDescription
logo
Harwin Plc
M58-2500342R HARWIN-M58-2500342R Datasheet
309Kb / 2P
   FEMALE 0.5mm PITCH BOARD TO BOARD VERTICAL SMT
M58-2500442R HARWIN-M58-2500442R Datasheet
309Kb / 2P
   FEMALE 0.5mm PITCH BOARD TO BOARD VERTICAL SMT
M58-2500842R HARWIN-M58-2500842R Datasheet
309Kb / 2P
   FEMALE 0.5mm PITCH BOARD TO BOARD VERTICAL SMT
M58-2501042R HARWIN-M58-2501042R Datasheet
309Kb / 2P
   FEMALE 0.5mm PITCH BOARD TO BOARD VERTICAL SMT
M58-250R HARWIN-M58-250R Datasheet
309Kb / 2P
   FEMALE 0.5mm PITCH BOARD TO BOARD VERTICAL SMT
More results

Similar Description - M58-ZC

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB91301A FUJITSU-MB91301A Datasheet
4Mb / 622P
   32-BIT MICROCONTROLLER
MB91F367GA FUJITSU-MB91F367GA Datasheet
713Kb / 62P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC100LC1DN ETC2-NUC100LC1DN Datasheet
1Mb / 107P
   32-bit Microcontroller
NUC140LC1CN ETC2-NUC140LC1CN Datasheet
1Mb / 77P
   32-BIT MICROCONTROLLER
logo
Cypress Semiconductor
MB91F469GA CYPRESS-MB91F469GA Datasheet
6Mb / 147P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
M052 NUVOTON-M052 Datasheet
1Mb / 71P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUMAKER ETC2-NUMAKER Datasheet
1Mb / 71P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
NANO120 NUVOTON-NANO120 Datasheet
1Mb / 18P
   32-bit Microcontroller
logo
Fujitsu Component Limit...
MB91230 FUJITSU-MB91230 Datasheet
298Kb / 66P
   32-bit Microcontroller
MB91305 FUJITSU-MB91305 Datasheet
880Kb / 90P
   32-bit Microcontroller
MB91F467BA FUJITSU-MB91F467BA Datasheet
1Mb / 136P
   32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com