Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M58-ZC Datasheet(PDF) 31 Page - Nuvoton Technology Corporation

Part No. M58-ZC
Description  32-BIT MICROCONTROLLER
Download  71 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NUVOTON [Nuvoton Technology Corporation]
Homepage  http://www.nuvoton.com
Logo 

M58-ZC Datasheet(HTML) 31 Page - Nuvoton Technology Corporation

Zoom Inzoom in Zoom Outzoom out
 31 / 71 page
background image
NuMicro
M058/M0516BN Datasheet
Publication Release Date: Mar. 19, 2012
- 31 -
Revision V1.01
1
0
PLLCON[19]
22.1184
MHz
4~12
MHz
PLLFOUT
111
011
010
001
4~24 MHz
Reserved
4~24 MHz
HCLK
22.1184 MHz
000
1/2
1/2
1/2
CLKSEL0[5:3]
1
0
SysTick
TMR 3
ADC
UART 0-2
ACMP
I2C
SPI 0-1
FDIV
PWM 0-1
WDT
PWM 2-3
PWM 4-5
PWM 6-7
TMR 0
TMR 1
TMR 2
CPU
FMC
EBI
10 kHz
111
010
001
000
HCLK
Reserved
4~24 MHz
111
011
010
001
PLLFOUT
Reserved
4~24 MHz
10 kHz
22.1184 MHz
000
CLKSEL0[2:0]
SYST_CSR[2]
CPUCLK
1/(HCLK_N+1)
PCLK
CPUCLK
HCLK
11
01
00
PLLFOUT
4~24 MHz
HCLK
CLKSEL1[3:2]
22.1184 MHz
CLKSEL1[22:20]
CLKSEL1[18:16]
CLKSEL1[14:12]
CLKSEL1[10:8]
11
10
01
00
HCLK
4~24 MHz
22.1184 MHz
Reserved
CLKSEL2[7:2]
CLKSEL1[31:28]
22.1184 MHz
BOD
10 kHz
1/(ADC_N+1)
11
10
CLKSEL1[1:0]
HCLK
1/2048
1/(UART_N+1)
22.1184 MHz
4~24 MHz
01
Reserved
11
01
00
PLLFOUT
4~24 MHz
22.1184 MHz
CLKSEL1[25:24]
22.1184 MHz
10
Figure 6-3 Clock generator block diagram


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn