Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M58-LC Datasheet(PDF) 40 Page - Nuvoton Technology Corporation

Part # M58-LC
Description  32-BIT MICROCONTROLLER
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M58-LC Datasheet(HTML) 40 Page - Nuvoton Technology Corporation

Back Button M58-LC Datasheet HTML 36Page - Nuvoton Technology Corporation M58-LC Datasheet HTML 37Page - Nuvoton Technology Corporation M58-LC Datasheet HTML 38Page - Nuvoton Technology Corporation M58-LC Datasheet HTML 39Page - Nuvoton Technology Corporation M58-LC Datasheet HTML 40Page - Nuvoton Technology Corporation M58-LC Datasheet HTML 41Page - Nuvoton Technology Corporation M58-LC Datasheet HTML 42Page - Nuvoton Technology Corporation M58-LC Datasheet HTML 43Page - Nuvoton Technology Corporation M58-LC Datasheet HTML 44Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 71 page
background image
NuMicro
M058/M0516BN Datasheet
Publication Release Date: Mar. 19, 2012
- 40 -
Revision V1.01
6.5 I
2C Serial Interface Controller (Master/Slave)
6.5.1
Overview
I
2C is a two-wire, bi-directional serial bus that provides a simple and efficient method of data
exchange between devices. The I
2C standard is a true multi-master bus including collision
detection and arbitration that prevents data corruption if two or more masters attempt to control
the bus simultaneously.
Data is transferred between a Master and a Slave synchronously to SCL on the SDA line on a
byte-by-byte basis. Each data byte is 8 bits long. There is one SCL clock pulse for each data bit
with the MSB being transmitted first. An acknowledge bit follows each transferred byte. Each bit is
sampled during the high period of SCL; therefore, the SDA line may be changed only during the
low period of SCL and must be held stable during the high period of SCL. A transition on the SDA
line while SCL is high is interpreted as a command (START or STOP). Please refer to the Figure
6-13 for more detail I
2C BUS Timing.
tBUF
STOP
SDA
SCL
START
tHD;STA
tLOW
tHD;DAT
tHIGH
tf
tSU;DAT
Repeated
START
tSU;STA
tSU;STO
STOP
tr
Figure 6-13 I
2C Bus Timing
The device’s on-chip I
2C provides the serial interface that meets the I2C bus standard mode
specification. The I
2C port handles byte transfers autonomously. To enable this port, the bit ENS1
in I2CON should be set to '1'. The I
2C H/W interfaces to the I2C bus via two pins: SDA (serial data
line) and SCL (serial clock line). Pull up resistor is needed on pin SDA and SCL for I
2C operation
as these are open drain pins. When the I/O pins are used as I
2C port, user must set the pins
function to I
2C in advance.


Similar Part No. - M58-LC

ManufacturerPart #DatasheetDescription
logo
Harwin Plc
M58-2500342R HARWIN-M58-2500342R Datasheet
309Kb / 2P
   FEMALE 0.5mm PITCH BOARD TO BOARD VERTICAL SMT
M58-2500442R HARWIN-M58-2500442R Datasheet
309Kb / 2P
   FEMALE 0.5mm PITCH BOARD TO BOARD VERTICAL SMT
M58-2500842R HARWIN-M58-2500842R Datasheet
309Kb / 2P
   FEMALE 0.5mm PITCH BOARD TO BOARD VERTICAL SMT
M58-2501042R HARWIN-M58-2501042R Datasheet
309Kb / 2P
   FEMALE 0.5mm PITCH BOARD TO BOARD VERTICAL SMT
M58-250R HARWIN-M58-250R Datasheet
309Kb / 2P
   FEMALE 0.5mm PITCH BOARD TO BOARD VERTICAL SMT
More results

Similar Description - M58-LC

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB91301A FUJITSU-MB91301A Datasheet
4Mb / 622P
   32-BIT MICROCONTROLLER
MB91F367GA FUJITSU-MB91F367GA Datasheet
713Kb / 62P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC100LC1DN ETC2-NUC100LC1DN Datasheet
1Mb / 107P
   32-bit Microcontroller
NUC140LC1CN ETC2-NUC140LC1CN Datasheet
1Mb / 77P
   32-BIT MICROCONTROLLER
logo
Cypress Semiconductor
MB91F469GA CYPRESS-MB91F469GA Datasheet
6Mb / 147P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
M052 NUVOTON-M052 Datasheet
1Mb / 71P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUMAKER ETC2-NUMAKER Datasheet
1Mb / 71P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
NANO120 NUVOTON-NANO120 Datasheet
1Mb / 18P
   32-bit Microcontroller
logo
Fujitsu Component Limit...
MB91230 FUJITSU-MB91230 Datasheet
298Kb / 66P
   32-bit Microcontroller
MB91305 FUJITSU-MB91305 Datasheet
880Kb / 90P
   32-bit Microcontroller
MB91F467BA FUJITSU-MB91F467BA Datasheet
1Mb / 136P
   32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com