Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M58-ZE Datasheet(PDF) 24 Page - Nuvoton Technology Corporation

Part # M58-ZE
Description  32-BIT MICROCONTROLLER
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M58-ZE Datasheet(HTML) 24 Page - Nuvoton Technology Corporation

Back Button M58-ZE Datasheet HTML 20Page - Nuvoton Technology Corporation M58-ZE Datasheet HTML 21Page - Nuvoton Technology Corporation M58-ZE Datasheet HTML 22Page - Nuvoton Technology Corporation M58-ZE Datasheet HTML 23Page - Nuvoton Technology Corporation M58-ZE Datasheet HTML 24Page - Nuvoton Technology Corporation M58-ZE Datasheet HTML 25Page - Nuvoton Technology Corporation M58-ZE Datasheet HTML 26Page - Nuvoton Technology Corporation M58-ZE Datasheet HTML 27Page - Nuvoton Technology Corporation M58-ZE Datasheet HTML 28Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 71 page
background image
NuMicro
M058/M0516BN Datasheet
Publication Release Date: Mar. 19, 2012
- 24 -
Revision V1.01
6.2.3
System Power Architecture
In this device, the power architecture is divided into three segments.
Analog power from AVDD and AVSS provides the power for analog module operation.
Digital power from VDD and VSS supplies the power to the internal regulator which
provides a fixed 1.8V power for digital operation and I/O pins.
The outputs of internal voltage regulator, which is LDO, require an external capacitor which
should be located close to the corresponding pin. The Figure 6-2 shows the power architecture of
this device.
5V to 1.8V
LDO
PLL
12-bit
SAR-ADC
Brown
Out
Detector
POR50
POR18
Low
Voltage
Reset
Analog Comparator
Temperature
Seneor
FLASH
Digital Logic
1.8V
Internal
22.1184 MHz & 10 kHz
Oscillator
AVDD
AVSS
LDO
1uF
IO cell
P0 - P4
M051 Series
Power
Distribution
Figure 6-2 NuMicro M051
Series Power Architecture Diagram


Similar Part No. - M58-ZE

ManufacturerPart #DatasheetDescription
logo
Harwin Plc
M58-2500342R HARWIN-M58-2500342R Datasheet
309Kb / 2P
   FEMALE 0.5mm PITCH BOARD TO BOARD VERTICAL SMT
M58-2500442R HARWIN-M58-2500442R Datasheet
309Kb / 2P
   FEMALE 0.5mm PITCH BOARD TO BOARD VERTICAL SMT
M58-2500842R HARWIN-M58-2500842R Datasheet
309Kb / 2P
   FEMALE 0.5mm PITCH BOARD TO BOARD VERTICAL SMT
M58-2501042R HARWIN-M58-2501042R Datasheet
309Kb / 2P
   FEMALE 0.5mm PITCH BOARD TO BOARD VERTICAL SMT
M58-250R HARWIN-M58-250R Datasheet
309Kb / 2P
   FEMALE 0.5mm PITCH BOARD TO BOARD VERTICAL SMT
More results

Similar Description - M58-ZE

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB91301A FUJITSU-MB91301A Datasheet
4Mb / 622P
   32-BIT MICROCONTROLLER
MB91F367GA FUJITSU-MB91F367GA Datasheet
713Kb / 62P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC100LC1DN ETC2-NUC100LC1DN Datasheet
1Mb / 107P
   32-bit Microcontroller
NUC140LC1CN ETC2-NUC140LC1CN Datasheet
1Mb / 77P
   32-BIT MICROCONTROLLER
logo
Cypress Semiconductor
MB91F469GA CYPRESS-MB91F469GA Datasheet
6Mb / 147P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
M052 NUVOTON-M052 Datasheet
1Mb / 71P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUMAKER ETC2-NUMAKER Datasheet
1Mb / 71P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
NANO120 NUVOTON-NANO120 Datasheet
1Mb / 18P
   32-bit Microcontroller
logo
Fujitsu Component Limit...
MB91230 FUJITSU-MB91230 Datasheet
298Kb / 66P
   32-bit Microcontroller
MB91305 FUJITSU-MB91305 Datasheet
880Kb / 90P
   32-bit Microcontroller
MB91F467BA FUJITSU-MB91F467BA Datasheet
1Mb / 136P
   32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com