Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M58-ZE Datasheet(PDF) 59 Page - Nuvoton Technology Corporation

Part # M58-ZE
Description  32-BIT MICROCONTROLLER
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M58-ZE Datasheet(HTML) 59 Page - Nuvoton Technology Corporation

Back Button M58-ZE Datasheet HTML 55Page - Nuvoton Technology Corporation M58-ZE Datasheet HTML 56Page - Nuvoton Technology Corporation M58-ZE Datasheet HTML 57Page - Nuvoton Technology Corporation M58-ZE Datasheet HTML 58Page - Nuvoton Technology Corporation M58-ZE Datasheet HTML 59Page - Nuvoton Technology Corporation M58-ZE Datasheet HTML 60Page - Nuvoton Technology Corporation M58-ZE Datasheet HTML 61Page - Nuvoton Technology Corporation M58-ZE Datasheet HTML 62Page - Nuvoton Technology Corporation M58-ZE Datasheet HTML 63Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 71 page
background image
NuMicro
M058/M0516BN Datasheet
Publication Release Date: Mar. 19, 2012
- 59 -
Revision V1.01
Input Low Voltage
XT1[*2]
VIL3
0
-
0.8
V
VDD = 4.5V
0
-
0.4
VDD = 2.5V
Input High Voltage
XT1[*2]
VIH3
3.5
-
VDD
+0.2
V
VDD = 5.5V
2.4
-
VDD
+0.2
VDD = 3.0V
Negative going threshold
(Schmitt input), /RST
VILS
-0.5
-
0.2 VDD
V
Positive going threshold
(Schmitt input), /RST
VIHS
0.7 VDD
-
VDD
+0.5
V
Internal /RST pin pull up
resistor
RRST
40
150
Negative going threshold
(Schmitt input),
P0/1/2/3/4
VILS
-0.5
-
0.3 VDD
V
Positive going threshold
(Schmitt input),
P0/1/2/3/4
VIHS
0.7 VDD
-
VDD
+0.5
V
Source Current
P0/1/2/3/4 (Quasi-
bidirectional Mode)
ISR11
-300
-370
-450
µA
VDD = 4.5V, VS = 2.4V
ISR12
-50
-70
-90
µA
VDD = 2.7V, VS = 2.2V
ISR13
-40
-60
-80
µA
VDD = 2.5V, VS = 2.0V
Source Current
P0/1/2/3/4 (Push-pull
Mode)
ISR21
-20
-24
-28
mA
VDD = 4.5V, VS = 2.4V
ISR22
-4
-6
-8
mA
VDD = 2.7V, VS = 2.2V
ISR23
-3
-5
-7
mA
VDD = 2.5V, VS = 2.0V
Sink Current P0/1/2/3/4
(Quasi-bidirectional and
Push-pull Mode)
ISK11
10
16
20
mA
VDD = 4.5V, VS = 0.45V
ISK12
7
10
13
mA
VDD = 2.7V, VS = 0.45V
ISK13
6
9
12
mA
VDD = 2.5V, VS = 0.45V
Brown-Out voltage with
BOV_VL [1:0] =00b
VBO2.2
2.0
2.2
2.4
V
VDD =5.5V
Brown-Out voltage with
BOV_VL [1:0] =01b
VBO2.7
2.5
2.7
2.9
V
VDD =5.5V
Brown-Out voltage with
BOV_VL [1:0] =10b
VBO3.8
3.5
3.7
3.9
V
VDD =5.5V
Brown-Out voltage with
BOV_VL [1:0] =11b
VBO4.5
4.1
4.3
4.5
V
VDD =5.5V
Hysteresis range of BOD
voltage
VBH
30
-
150
mV
VDD = 2.5V~5.5V
Notes:
1. /RST pin is a Schmitt trigger input.
2. XTAL1 is a CMOS input.
3. Pins of P0, P1, P2, P3 and P4 can source a transition current when they are being externally driven from 1 to 0. In the condition of VDD=5.5V, 5he transition current
reaches its maximum value when Vin approximates to 2V .


Similar Part No. - M58-ZE

ManufacturerPart #DatasheetDescription
logo
Harwin Plc
M58-2500342R HARWIN-M58-2500342R Datasheet
309Kb / 2P
   FEMALE 0.5mm PITCH BOARD TO BOARD VERTICAL SMT
M58-2500442R HARWIN-M58-2500442R Datasheet
309Kb / 2P
   FEMALE 0.5mm PITCH BOARD TO BOARD VERTICAL SMT
M58-2500842R HARWIN-M58-2500842R Datasheet
309Kb / 2P
   FEMALE 0.5mm PITCH BOARD TO BOARD VERTICAL SMT
M58-2501042R HARWIN-M58-2501042R Datasheet
309Kb / 2P
   FEMALE 0.5mm PITCH BOARD TO BOARD VERTICAL SMT
M58-250R HARWIN-M58-250R Datasheet
309Kb / 2P
   FEMALE 0.5mm PITCH BOARD TO BOARD VERTICAL SMT
More results

Similar Description - M58-ZE

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB91301A FUJITSU-MB91301A Datasheet
4Mb / 622P
   32-BIT MICROCONTROLLER
MB91F367GA FUJITSU-MB91F367GA Datasheet
713Kb / 62P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC100LC1DN ETC2-NUC100LC1DN Datasheet
1Mb / 107P
   32-bit Microcontroller
NUC140LC1CN ETC2-NUC140LC1CN Datasheet
1Mb / 77P
   32-BIT MICROCONTROLLER
logo
Cypress Semiconductor
MB91F469GA CYPRESS-MB91F469GA Datasheet
6Mb / 147P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
M052 NUVOTON-M052 Datasheet
1Mb / 71P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUMAKER ETC2-NUMAKER Datasheet
1Mb / 71P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
NANO120 NUVOTON-NANO120 Datasheet
1Mb / 18P
   32-bit Microcontroller
logo
Fujitsu Component Limit...
MB91230 FUJITSU-MB91230 Datasheet
298Kb / 66P
   32-bit Microcontroller
MB91305 FUJITSU-MB91305 Datasheet
880Kb / 90P
   32-bit Microcontroller
MB91F467BA FUJITSU-MB91F467BA Datasheet
1Mb / 136P
   32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com