Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M58-ZE Datasheet(PDF) 51 Page - Nuvoton Technology Corporation

Part # M58-ZE
Description  32-BIT MICROCONTROLLER
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M58-ZE Datasheet(HTML) 51 Page - Nuvoton Technology Corporation

Back Button M58-ZE Datasheet HTML 47Page - Nuvoton Technology Corporation M58-ZE Datasheet HTML 48Page - Nuvoton Technology Corporation M58-ZE Datasheet HTML 49Page - Nuvoton Technology Corporation M58-ZE Datasheet HTML 50Page - Nuvoton Technology Corporation M58-ZE Datasheet HTML 51Page - Nuvoton Technology Corporation M58-ZE Datasheet HTML 52Page - Nuvoton Technology Corporation M58-ZE Datasheet HTML 53Page - Nuvoton Technology Corporation M58-ZE Datasheet HTML 54Page - Nuvoton Technology Corporation M58-ZE Datasheet HTML 55Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 71 page
background image
NuMicro
M058/M0516BN Datasheet
Publication Release Date: Mar. 19, 2012
- 51 -
Revision V1.01
6.11 Analog-to-Digital Converter (ADC)
6.11.1
Overview
NuMicro M051
series contain one 12-bit successive approximation analog-to-digital converters
(SAR A/D converter) with 8 input channels. The A/D converter supports four operation modes:
single, burst, single-cycle scan and continuous scan mode. The A/D converters can be started by
software and external STADC/P3.2 pin.
6.11.2
Features
 Analog input voltage range: 0~AV
DD (Max to 5.0V).
 12-bit resolution and 10-bit accuracy is guaranteed.
 Up to 8 single-end analog input channels or 4 differential analog input channels.
 Maximum ADC clock frequency is 16 MHz.
 Up to 760k SPS conversion rate.
 Four operating modes
-
Single mode: A/D conversion is performed one time on a specified channel.
-
Single-cycle scan mode: A/D conversion is performed one cycle on all specified
channels with the sequence from the lowest numbered channel to the highest numbered
channel.
-
Continuous scan mode: A/D converter continuously performs Single-cycle scan mode
until software stops A/D conversion.
-
Burst mode: A/D conversion will sample and convert the specified single channel and
sequentially store in FIFO.
 An A/D conversion can be started by
-
Software Write 1 to ADST bit
-
External pin STADC
 Conversion results are held in data registers for each channel with valid and overrun
indicators.
 Conversion result can be compared with specify value and user can select whether to
generate an interrupt when conversion result matches the compare register setting.


Similar Part No. - M58-ZE

ManufacturerPart #DatasheetDescription
logo
Harwin Plc
M58-2500342R HARWIN-M58-2500342R Datasheet
309Kb / 2P
   FEMALE 0.5mm PITCH BOARD TO BOARD VERTICAL SMT
M58-2500442R HARWIN-M58-2500442R Datasheet
309Kb / 2P
   FEMALE 0.5mm PITCH BOARD TO BOARD VERTICAL SMT
M58-2500842R HARWIN-M58-2500842R Datasheet
309Kb / 2P
   FEMALE 0.5mm PITCH BOARD TO BOARD VERTICAL SMT
M58-2501042R HARWIN-M58-2501042R Datasheet
309Kb / 2P
   FEMALE 0.5mm PITCH BOARD TO BOARD VERTICAL SMT
M58-250R HARWIN-M58-250R Datasheet
309Kb / 2P
   FEMALE 0.5mm PITCH BOARD TO BOARD VERTICAL SMT
More results

Similar Description - M58-ZE

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB91301A FUJITSU-MB91301A Datasheet
4Mb / 622P
   32-BIT MICROCONTROLLER
MB91F367GA FUJITSU-MB91F367GA Datasheet
713Kb / 62P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC100LC1DN ETC2-NUC100LC1DN Datasheet
1Mb / 107P
   32-bit Microcontroller
NUC140LC1CN ETC2-NUC140LC1CN Datasheet
1Mb / 77P
   32-BIT MICROCONTROLLER
logo
Cypress Semiconductor
MB91F469GA CYPRESS-MB91F469GA Datasheet
6Mb / 147P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
M052 NUVOTON-M052 Datasheet
1Mb / 71P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUMAKER ETC2-NUMAKER Datasheet
1Mb / 71P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
NANO120 NUVOTON-NANO120 Datasheet
1Mb / 18P
   32-bit Microcontroller
logo
Fujitsu Component Limit...
MB91230 FUJITSU-MB91230 Datasheet
298Kb / 66P
   32-bit Microcontroller
MB91305 FUJITSU-MB91305 Datasheet
880Kb / 90P
   32-bit Microcontroller
MB91F467BA FUJITSU-MB91F467BA Datasheet
1Mb / 136P
   32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com