Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISD5116SY Datasheet(PDF) 85 Page - Nuvoton Technology Corporation

Part # ISD5116SY
Description  SINGLE-CHIP
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

ISD5116SY Datasheet(HTML) 85 Page - Nuvoton Technology Corporation

Back Button ISD5116SY Datasheet HTML 81Page - Nuvoton Technology Corporation ISD5116SY Datasheet HTML 82Page - Nuvoton Technology Corporation ISD5116SY Datasheet HTML 83Page - Nuvoton Technology Corporation ISD5116SY Datasheet HTML 84Page - Nuvoton Technology Corporation ISD5116SY Datasheet HTML 85Page - Nuvoton Technology Corporation ISD5116SY Datasheet HTML 86Page - Nuvoton Technology Corporation ISD5116SY Datasheet HTML 87Page - Nuvoton Technology Corporation ISD5116SY Datasheet HTML 88Page - Nuvoton Technology Corporation ISD5116SY Datasheet HTML 89Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 90 page
background image
ISD5100 SERIES
Publication Release Date: Oct 31, 2008
- 85 -
Revision 1.42
ISD5104 Pad Coordinates
(with respect to die center in µm)
Pad
Pad Name
X Axis
Y Axis
VSSA
Analog Ground
1882.4
2306.65
RAC
Row Address Clock
1539.15
2306.65
INT
Interrupt
790.35
2306.65
XCLK
External Clock Input
478.55
2306.65
VCCD
Digital Supply Voltage
291.55
2306.65
VCCD
Digital Supply Voltage
76.15
2306.65
SCL
Serial Clock Line
-198.45
2306.65
A1
Address 1
-557.95
2306.65
SDA
Serial Data Address
-815.25
2306.65
A0
Address 0
-1366.45
2306.65
VSSD
Digital Ground
-1839.95
2306.65
VSSD
Digital Ground
-1668.35
2306.65
VSSA
Analog Ground
-1945.05
-2311.60
MIC+
Non-inverting Microphone Input
-1739.25
-2311.60
MIC-
Inverting Microphone Input
-1506.75
-2311.60
ANA OUT+
Non-inverting Analog Output
-1245.05
-2311.60
ANA OUT-
Inverting Analog Output
-910.85
-2311.60
ACAP
AGC/AutoMute Cap
-623.55
-2311.60
SP-
Speaker Negative
-127.75
-2311.60
VSSA
Analog Ground
205.85
-2311.60
VSSA
Analog Ground
295.85
-2311.60
SP+
Speaker Positive
629.45
-2311.60
VCCA
Analog Supply Voltage
963.05
-2311.60
VCCA
Analog Supply Voltage
1053.05
-2311.60
ANA IN
Analog Input
1260.35
-2311.60
AUX IN
Auxiliary Input
1525.95
-2311.60
AUX OUT
Auxiliary Output
1770.15
-2311.60


Similar Part No. - ISD5116SY

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
ISD5116SY NUVOTON-ISD5116SY Datasheet
1Mb / 87P
   SINGLE-CHIP 1TO16 MINUTES DURATION VOICE RECORD/PLAYBAC VOICE DEVICES WITH DIGITAL STORAGE CAPABILITY
ISD5116SYI NUVOTON-ISD5116SYI Datasheet
1Mb / 87P
   SINGLE-CHIP 1TO16 MINUTES DURATION VOICE RECORD/PLAYBAC VOICE DEVICES WITH DIGITAL STORAGE CAPABILITY
More results

Similar Description - ISD5116SY

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM6348 BOARDCOM-BCM6348 Datasheet
132Kb / 1P
   SINGLE CHIP ADSL2 CPE CHIP
logo
STMicroelectronics
STLC2500 STMICROELECTRONICS-STLC2500 Datasheet
241Kb / 23P
   BLUETOOTH??SINGLE CHIP
May 2004 REV. 1
logo
Renesas Technology Corp
M16C-100PIN-GP RENESAS-M16C-100PIN-GP Datasheet
287Kb / 9P
   SINGLE-CHIP MICROCOMPUTER
M38049FFLSP RENESAS-M38049FFLSP_06 Datasheet
246Kb / 8P
   SINGLE-CHIP MICROCOMPUTER
R8C-20PIN RENESAS-R8C-20PIN Datasheet
292Kb / 10P
   SINGLE-CHIP MICROCOMPUTER
H8S-2128 RENESAS-H8S-2128 Datasheet
3Mb / 843P
   Single-Chip Microcomputer
H83397 RENESAS-H83397 Datasheet
2Mb / 747P
   Single-Chip Microcomputer
logo
Hitachi Semiconductor
HD6475348R HITACHI-HD6475348R Datasheet
1Mb / 487P
   Single-Chip Microcomputer
logo
M/A-COM Technology Solu...
29320-BRF-001-A MA-COM-29320-BRF-001-A_15 Datasheet
502Kb / 2P
   Single Chip Solution
logo
Roithner LaserTechnik G...
JET-735-05 ROITHNER-JET-735-05 Datasheet
515Kb / 2P
   single chip design
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com