Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISD5116SY Datasheet(PDF) 75 Page - Nuvoton Technology Corporation

Part # ISD5116SY
Description  SINGLE-CHIP
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

ISD5116SY Datasheet(HTML) 75 Page - Nuvoton Technology Corporation

Back Button ISD5116SY Datasheet HTML 71Page - Nuvoton Technology Corporation ISD5116SY Datasheet HTML 72Page - Nuvoton Technology Corporation ISD5116SY Datasheet HTML 73Page - Nuvoton Technology Corporation ISD5116SY Datasheet HTML 74Page - Nuvoton Technology Corporation ISD5116SY Datasheet HTML 75Page - Nuvoton Technology Corporation ISD5116SY Datasheet HTML 76Page - Nuvoton Technology Corporation ISD5116SY Datasheet HTML 77Page - Nuvoton Technology Corporation ISD5116SY Datasheet HTML 78Page - Nuvoton Technology Corporation ISD5116SY Datasheet HTML 79Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 90 page
background image
ISD5100 SERIES
Publication Release Date: Oct 31, 2008
- 75 -
Revision 1.42
10.TYPICAL APPLICATION CIRCUIT
The following typical application example on ISD5100 series is for references only. They make no
representation or warranty that such applications shall be suitable for the use specified. It’s
customer’s obligation to verify the design in its own system for the functionalities, voice quality,
current consumption, and etc.
In addition, the below notes apply to the following application examples:
* The suggested values are for references only. Depending on system requirements, they can
be adjusted for functionalities and better performance.
It is important to have a separate path for each ground and power back to the related terminals to
minimize the noise. Besides, the power supplies should be decoupled as close to the device as
possible.
Also, it is crucial to follow good audio design practices in layout and power supply decoupling. See
recommendations in Application Notes from our websites.
Example #1: Recording via microphone
SCL
SDA
A1
A0
MIC+
MIC-
ACAP
SP+
SP-
5100
1
2
3
4
16
14
To C
I2C Interface &
Address Setting
µ
SOIC / PDIP
8
10
13
V
CC
220
F*
µ
Electret
microphone
C I/O
µ
XCLK
ANA IN
AUX IN
ANA OUT+
ANA OUT-
AUX OUT
26
18
19
11
12
20
V
CCD
V
CCD
V
SSD
V
SSD
27
28
5
6
V
CC
0.1 F
µ
RAC
INT
24
25
To C I/O for message
management (optional)
µ
V
SSA
V
SSA
V
SSA
9
15
23
V
CCA
17
0.1 F
µ
1.5k *
1.5k *
1.5k *
0.1 F*
µ
0.1 F*
µ
4.7 F*
µ


Similar Part No. - ISD5116SY

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
ISD5116SY NUVOTON-ISD5116SY Datasheet
1Mb / 87P
   SINGLE-CHIP 1TO16 MINUTES DURATION VOICE RECORD/PLAYBAC VOICE DEVICES WITH DIGITAL STORAGE CAPABILITY
ISD5116SYI NUVOTON-ISD5116SYI Datasheet
1Mb / 87P
   SINGLE-CHIP 1TO16 MINUTES DURATION VOICE RECORD/PLAYBAC VOICE DEVICES WITH DIGITAL STORAGE CAPABILITY
More results

Similar Description - ISD5116SY

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM6348 BOARDCOM-BCM6348 Datasheet
132Kb / 1P
   SINGLE CHIP ADSL2 CPE CHIP
logo
STMicroelectronics
STLC2500 STMICROELECTRONICS-STLC2500 Datasheet
241Kb / 23P
   BLUETOOTH??SINGLE CHIP
May 2004 REV. 1
logo
Renesas Technology Corp
M16C-100PIN-GP RENESAS-M16C-100PIN-GP Datasheet
287Kb / 9P
   SINGLE-CHIP MICROCOMPUTER
M38049FFLSP RENESAS-M38049FFLSP_06 Datasheet
246Kb / 8P
   SINGLE-CHIP MICROCOMPUTER
R8C-20PIN RENESAS-R8C-20PIN Datasheet
292Kb / 10P
   SINGLE-CHIP MICROCOMPUTER
H8S-2128 RENESAS-H8S-2128 Datasheet
3Mb / 843P
   Single-Chip Microcomputer
H83397 RENESAS-H83397 Datasheet
2Mb / 747P
   Single-Chip Microcomputer
logo
Hitachi Semiconductor
HD6475348R HITACHI-HD6475348R Datasheet
1Mb / 487P
   Single-Chip Microcomputer
logo
M/A-COM Technology Solu...
29320-BRF-001-A MA-COM-29320-BRF-001-A_15 Datasheet
502Kb / 2P
   Single Chip Solution
logo
Roithner LaserTechnik G...
JET-735-05 ROITHNER-JET-735-05 Datasheet
515Kb / 2P
   single chip design
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com