Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA8931T Datasheet(PDF) 18 Page - NXP Semiconductors

Part # TDA8931T
Description  Power comparator 1 X 20 W
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8931T Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button TDA8931T Datasheet HTML 14Page - NXP Semiconductors TDA8931T Datasheet HTML 15Page - NXP Semiconductors TDA8931T Datasheet HTML 16Page - NXP Semiconductors TDA8931T Datasheet HTML 17Page - NXP Semiconductors TDA8931T Datasheet HTML 18Page - NXP Semiconductors TDA8931T Datasheet HTML 19Page - NXP Semiconductors TDA8931T Datasheet HTML 20Page - NXP Semiconductors TDA8931T Datasheet HTML 21Page - NXP Semiconductors TDA8931T Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
9397 750 13847
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Preliminary data sheet
Rev. 01 — 14 January 2004
18 of 31
Philips Semiconductors
TDA8931
Power comparator 1
× 20 W
14.2 Output current limiting
The output current is limited by the OCP with a threshold level of 3.3 A (minimum). During
normal operation the output current should not exceed this threshold level, otherwise the
output signal is distorted. The peak output current should stay below 3.3 A and can be
estimated using the following equation:
(4)
Where:
IO = output current in the load in
VP = supply voltage (VDDP − VSSP)
RDSon = on-resistance power switch
RL = load impedance
Rcoil = series resistance output coil
RESR = ESR of the single-ended capacitor
Example: With a 4
Ω load the OCP will be triggered below a supply voltage of 28 V. This
will result in an absolute maximum output power of Po = 26 W at THD = 10 %.
14.3 Low pass filter considerations
For a flat frequency response (second order Butterworth filter) it is necessary to change
the LC-filter components (L1 and C14) according to the speaker impedance. Table 12
shows the required components values in case of a 4 W, 6 W or 8 W speaker impedance.
14.4 Thermal behavior (printed-circuit board considerations)
The SO20 package of the TDA8931T has special thermal corner leads, significantly
increasing the power capability (reducing Rth). The corner leads (pins 1, 10, 11 and 20)
should be attached to a copper area (VSS) on the PCB for cooling.
The typical thermal resistance Rth(j-a) of the TDA8931T is 24 K/W (free air and natural
convection) when soldered on a double sided FR4 PCB with 35
µm copper layer and
cooling area of approximately of 28 cm2.
I
O
V
P
2R
DSon
R
L
R
coil
R
ESR
++
+
()
×
-------------------------------------------------------------------------------
3.3
≤≤
Table 12:
Filter components values
Speaker impedance
(
Ω)
L1 value
(
µH)
C14 value
(nF)
4
22
680
6
33
470
8
47
330


Similar Part No. - TDA8931T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8932 NXP-TDA8932 Datasheet
246Kb / 45P
   Class-D audio amplifier
Rev.02-12 December 2006
TDA8932B NXP-TDA8932B Datasheet
319Kb / 48P
   Class-D audio amplifier
Rev. 04-18 December 2008
TDA8932BT NXP-TDA8932BT Datasheet
319Kb / 48P
   Class-D audio amplifier
Rev. 04-18 December 2008
TDA8932BTW NXP-TDA8932BTW Datasheet
319Kb / 48P
   Class-D audio amplifier
Rev. 04-18 December 2008
TDA8932B PHILIPS-TDA8932B_15 Datasheet
319Kb / 48P
   Class-D audio amplifier
Rev. 04-18 December 2008
More results

Similar Description - TDA8931T

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CRD44130-FB CIRRUS-CRD44130-FB Datasheet
1Mb / 39P
   20 W x 2 40 W x 1 PWM Amplifier Reference Design
logo
NXP Semiconductors
TDA8928J PHILIPS-TDA8928J Datasheet
210Kb / 23P
   Power stage 2 x 10 or 1 x 20 W class-D audio amplifie
2004 May 05
logo
Guangdong Youtai Semico...
SD12CT1G UMW-SD12CT1G Datasheet
301Kb / 3P
   Peak Power − 350 W (8 x 20 цs)
logo
Maxim Integrated Produc...
MAX44269 MAXIM-MAX44269 Datasheet
3Mb / 14P
   1.3mm x 1.3mm, Low-Power Dual Comparator
Rev 0; 9/11
logo
STMicroelectronics
STA541SA STMICROELECTRONICS-STA541SA Datasheet
613Kb / 26P
   2 x 20 W dual bridge amplifier
logo
Siemens Semiconductor G...
TDA4930 SIEMENS-TDA4930 Datasheet
580Kb / 14P
   Stereo/Bridge AF Amplifier 2 x 10 W/20 W
logo
Maxim Integrated Produc...
MAX44269_1112 MAXIM-MAX44269_1112 Datasheet
2Mb / 14P
   1.3mm x 1.3mm, Low-Power Dual Comparator
Rev 1; 12/11
logo
NXP Semiconductors
TDA7053 PHILIPS-TDA7053 Datasheet
97Kb / 12P
   2 x 1 W portable/mains-fed stereo power amplifier
February 1994
logo
Integral Corp.
ILA7053 INTEGRAL-ILA7053 Datasheet
100Kb / 2P
   2 X 1 W PORTABLE/MAINS-FED STEREO POWER AMPLIFIER
logo
KODENSHI_AUK CORP.
KKA7053N KODENSHI-KKA7053N Datasheet
293Kb / 6P
   2 x 1 W portable/mains-fed stereo power amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com