Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WD1030DA-7/TR Datasheet(PDF) 6 Page - Will Semiconductor Ltd.

Part # WD1030DA-7/TR
Description  High Efficiency 5V, 1.5A continuous, 1.3MHz Synchronous Step-Down Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLSEMI [Will Semiconductor Ltd.]
Direct Link  http://www.willsemi.com/index.php?siteid=2
Logo WILLSEMI - Will Semiconductor Ltd.

WD1030DA-7/TR Datasheet(HTML) 6 Page - Will Semiconductor Ltd.

  WD1030DA-7/TR Datasheet HTML 1Page - Will Semiconductor Ltd. WD1030DA-7/TR Datasheet HTML 2Page - Will Semiconductor Ltd. WD1030DA-7/TR Datasheet HTML 3Page - Will Semiconductor Ltd. WD1030DA-7/TR Datasheet HTML 4Page - Will Semiconductor Ltd. WD1030DA-7/TR Datasheet HTML 5Page - Will Semiconductor Ltd. WD1030DA-7/TR Datasheet HTML 6Page - Will Semiconductor Ltd. WD1030DA-7/TR Datasheet HTML 7Page - Will Semiconductor Ltd. WD1030DA-7/TR Datasheet HTML 8Page - Will Semiconductor Ltd. WD1030DA-7/TR Datasheet HTML 9Page - Will Semiconductor Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
WD1030
Will Semiconductor Ltd.
6
Dec,2017- Rev. 1.0
Operation Information
The WD1030DA is a high efficiency 1.3MHz
synchronous
Step-Down DC/DC regulator capable
of delivering up to 1.5A output current. It can
operate over a wide input voltage range from 2.7V
to 5.5V and integrate main switch and synchronous
switch with very low RDSON
to minimize the
conduction loss.
Application Information
Because of the high intergration in the WD1030DA
IC, the application circuit based on this regulator IC
is rather simple.only input capacitor Cin, output
capacitor Cout, output inductor L and feedback
resistors (RH and RL) need to be selected for the
targeted applications specifications.
Feedback resistor dividers RH and RL :
Choose RH and RL to program the proper output
voltage. To minimize the power consumption under
light loads, it is desirable to choose larger resistance
values for both RH and RL. A value of between
100k
Ω and 1MΩ is highly recommended for both
resistors. If RL =120kΩ is chosen, then RH can be
calculated to be:
(
)
Input Capacitor CIN :
A Typical X7R or better grade ceramic capacitor
with 10V rating and greater than 10uF capacitor is
recommended. To minimize the potential noise
problem, place this ceramic capacitor really close to
the IN and GND pins. Care should be taken to
minimize the loop area formed by CIN, and IN/GND
pins.
Output inductor L :
There are several considerations in choosing this
inductor.
1) Choose the inductance to provide the desired
ripple current. It is suggested to choose the ripple
current to be about 40% of the maximum output
current. The inductance is calculated as:
(
)
×
×
Where Fsw is the switching frequency and Iout,max
is the maximum load current.
2) The saturation current rating of the inductor must
be selected to be greater than the peak inductor
current under full load conditions.
(
)
3) The DCR of the inductor and the core loss at the
switching frequency must be low enough to achieve
the desired efficiency requirement. It is desirable to
choose an inductor with DCR<25mΩ to achieve a
good overall efficiency.
Inductor vs. Output Capacitor:
The ripple base control strategy need very little COUT
to confirm stability. Too large inductor and COUT will
lead to unstability.
OCP and SCP Protection Method:
With load current increasing, the NFET current will
get higher than valley current limit threshold. The
NFET will keep turning on until NFET current
decrease to the valley current limit threshold, so that
valley current is limited. If the load current continues
to increase, the output voltage will drop. When the
output voltage falls below 40% of the regulation
level, output short is detected and the IC will work in
hiccup mode. The hiccup frequency is about 1kHz,
the hiccup duty is 50%. If the hard short is removed,
IC will go back to normal operation.
Layout Consideration
The layout design of WD1030DA regulator is


Similar Part No. - WD1030DA-7/TR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WD103 ETC1-WD103 Datasheet
45Kb / 2P
   DC/DC Converters
logo
XP Power Limited
WD103 XPPOWER-WD103 Datasheet
62Kb / 2P
   DC-DC Converters
logo
Will Semiconductor Ltd.
WD1039EB WILLSEMI-WD1039EB Datasheet
1Mb / 10P
   High Efficiency 2A continuous, 2.5A peak, 1MHz Synchronous Step Down Regulator
WD1039EB-5/TR WILLSEMI-WD1039EB-5/TR Datasheet
1Mb / 10P
   High Efficiency 2A continuous, 2.5A peak, 1MHz Synchronous Step Down Regulator
More results

Similar Description - WD1030DA-7/TR

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRP6657 EXAR-XRP6657_12 Datasheet
925Kb / 11P
   1.5A 1.3MHz Synchronous Step Down Converter
XRP6657 EXAR-XRP6657 Datasheet
1Mb / 11P
   1.5A 1.3MHz Synchronous Step Down Converter
logo
ACE Technology Co., LTD...
ACE735N ACE-ACE735N Datasheet
190Kb / 3P
   High Efficiency, 1.5A 40V Input Synchronous Step-Down Regulator
VER 1.2
logo
Silergy Corp.
SY8003 SILERGY-SY8003 Datasheet
858Kb / 10P
   High Efficiency 5.5V, 3A continuous, 1MHz Synchronous Step Down Regulator
SY8009 SILERGY-SY8009 Datasheet
844Kb / 9P
   High Efficiency 1.5MHz/1MHz, 1.5A/2A Synchronous Step Down Regulator
logo
Will Semiconductor Ltd.
WD1039EB WILLSEMI-WD1039EB Datasheet
1Mb / 10P
   High Efficiency 2A continuous, 2.5A peak, 1MHz Synchronous Step Down Regulator
logo
Linear Technology
LTC1875 LINER-LTC1875_15 Datasheet
268Kb / 20P
   1.5A Monolithic Synchronous Step-Down Regulator
logo
Feeling Technology Corp...
FP6162 FEELING-FP6162 Datasheet
813Kb / 19P
   1.5MHz, 1.5A Synchronous Step-Down Regulator
logo
Semicoa Semiconductor
SC189ASK.TRT SEMICOA-SC189ASK.TRT Datasheet
1Mb / 24P
   2.5MHz, 1.5A Synchronous Step Down Regulator
logo
Semtech Corporation
SC189 SEMTECH-SC189 Datasheet
1Mb / 23P
   2.5MHz, 1.5A Synchronous Step Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com