Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLSF595MNR2G Datasheet(PDF) 8 Page - ON Semiconductor

Part # NLSF595MNR2G
Description  Serial (SPI) Tri-Color LED Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLSF595MNR2G Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NLSF595MNR2G Datasheet HTML 4Page - ON Semiconductor NLSF595MNR2G Datasheet HTML 5Page - ON Semiconductor NLSF595MNR2G Datasheet HTML 6Page - ON Semiconductor NLSF595MNR2G Datasheet HTML 7Page - ON Semiconductor NLSF595MNR2G Datasheet HTML 8Page - ON Semiconductor NLSF595MNR2G Datasheet HTML 9Page - ON Semiconductor NLSF595MNR2G Datasheet HTML 10Page - ON Semiconductor NLSF595MNR2G Datasheet HTML 11Page - ON Semiconductor NLSF595MNR2G Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
NLSF595
http://onsemi.com
8
MCU
I/O or SPI
(MISO)
NLSF595
OE
SCLR
SI
SCK
RCK
SQH
220
W
2.7 V
Data
Clock
EN
NLSF595
Serial
Data Out
5 Additional Outputs
8 Additional Outputs
Total of 5
3−Color Displays
2.7 V
1
QB
16 VCC
2
QC
3
QD
4
QE
15 QA
14 SI
13 OE
5
QF
12 RCK
6
QG
11 SCK
7
QH
10 SCLR
8
GND
9 SQH
Figure 5. NLSF595 Shown Driving 5 3−Color LEDs
+5.0 V
Red
Green
Blue


Similar Part No. - NLSF595MNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLSF595MNR2G ONSEMI-NLSF595MNR2G Datasheet
143Kb / 14P
   Serial (SPI) Tri-Color LED Driver
July, 2005 ??Rev. 8
NLSF595MNR2G ONSEMI-NLSF595MNR2G Datasheet
163Kb / 14P
   Serial (SPI) Tri-Color LED Driver
June, 2011 ??Rev. 9
More results

Similar Description - NLSF595MNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLSF595 ONSEMI-NLSF595_05 Datasheet
143Kb / 14P
   Serial (SPI) Tri-Color LED Driver
July, 2005 ??Rev. 8
NLSF595DTR2G ONSEMI-NLSF595DTR2G Datasheet
163Kb / 14P
   Serial (SPI) Tri-Color LED Driver
June, 2011 ??Rev. 9
logo
List of Unclassifed Man...
QBLP600-RGB ETC1-QBLP600-RGB Datasheet
425Kb / 7P
   TRI COLOR LED
logo
SparkFun Electronics
DEV-08467 SPARKFUN-DEV-08467 Datasheet
99Kb / 1P
   LilyPad Tri-Color LED
10/12/2015
logo
STANLEY ELECTRIC CO.,LT...
CRGB1314ASE-TR STANLEY-CRGB1314ASE-TR Datasheet
740Kb / 30P
   RGB tri-color emitting LED
logo
Visual Communications C...
6300 VCC-6300 Datasheet
79Kb / 1P
   Tri-Color Rectangular LED Assembly
logo
STANLEY ELECTRIC CO.,LT...
CRGB1318FSE-TM STANLEY-CRGB1318FSE-TM Datasheet
851Kb / 32P
   RGB tri-color emitting LED
logo
Micropac Industries
62098 MICROPAC-62098 Datasheet
170Kb / 3P
   TRI-COLOR HERMETIC LED INDICATORS
62118 MICROPAC-62118 Datasheet
111Kb / 2P
   TRI-COLOR HERMETIC LED INDICATORS
logo
STANLEY ELECTRIC CO.,LT...
ARGB1313HS-TR STANLEY-ARGB1313HS-TR Datasheet
683Kb / 32P
   RGB tri-color emitting LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com