Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

80C35 Datasheet(PDF) 6 Page - OKI electronic componets

Part # 80C35
Description  CMOS 8-Bit Microcontroller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

80C35 Datasheet(HTML) 6 Page - OKI electronic componets

Back Button 80C35 Datasheet HTML 2Page - OKI electronic componets 80C35 Datasheet HTML 3Page - OKI electronic componets 80C35 Datasheet HTML 4Page - OKI electronic componets 80C35 Datasheet HTML 5Page - OKI electronic componets 80C35 Datasheet HTML 6Page - OKI electronic componets 80C35 Datasheet HTML 7Page - OKI electronic componets 80C35 Datasheet HTML 8Page - OKI electronic componets 80C35 Datasheet HTML 9Page - OKI electronic componets 80C35 Datasheet HTML 10Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6/20
¡ Semiconductor
MSM80C48/49/50, MSM80C35/39/40
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Condition
Rating
Unit
Supply Voltage
VCC
Ta=25°C
–0.5 to 7
V
Input Voltage
VI
Ta=25°C
–0.3 to VCC +0.5
V
Storage Temperature
TSTG
–65 to +150
°C
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Condition
Range
Unit
Supply Voltage
VCC
fOSC=DC to 11MHz*
+2.5 to +6
V
Ambient Temperature
Ta
–40 to +85
°C
Fan Out
N
MOS load
10
TTL load
1
*
Minimum operating voltage is dependent on frequency.


Similar Part No. - 80C35

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
80C35 TOSHIBA-80C35 Datasheet
3Mb / 87P
   CMOS 8-BIT SINGLE-CHIP MICROCOMPUTER (TLCS-48C)
More results

Similar Description - 80C35

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP87CH34BN TOSHIBA-TMP87CH34BN Datasheet
7Mb / 138P
   CMOS 8-BIT MICROCONTROLLER
logo
Siemens Semiconductor G...
C509-L SIEMENS-C509-L Datasheet
1Mb / 74P
   8-Bit CMOS Microcontroller
C515C SIEMENS-C515C Datasheet
1Mb / 69P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP86CS64F TOSHIBA-TMP86CS64F Datasheet
564Kb / 12P
   CMOS 8-Bit Microcontroller
TMP86CH21F TOSHIBA-TMP86CH21F Datasheet
603Kb / 11P
   CMOS 8-Bit Microcontroller
TMP86PH06U TOSHIBA-TMP86PH06U Datasheet
513Kb / 13P
   CMOS 8 BIT MICROCONTROLLER
logo
Samsung semiconductor
S3P830A SAMSUNG-S3P830A Datasheet
1Mb / 342P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP87CS71F TOSHIBA-TMP87CS71F Datasheet
4Mb / 84P
   CMOS 8-BIT MICROCONTROLLER
TMP86C846N TOSHIBA-TMP86C846N Datasheet
537Kb / 10P
   CMOS 8-bit MICROCONTROLLER
logo
Infineon Technologies A...
C515 INFINEON-C515 Datasheet
268Kb / 55P
   8-Bit CMOS Microcontroller
1997-08-01
logo
Toshiba Semiconductor
TMP86FS27FG TOSHIBA-TMP86FS27FG Datasheet
399Kb / 32P
   CMOS 8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com