Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJM2396 Datasheet(PDF) 1 Page - New Japan Radio

Part # NJM2396
Description  LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2396 Datasheet(HTML) 1 Page - New Japan Radio

  NJM2396 Datasheet HTML 1Page - New Japan Radio NJM2396 Datasheet HTML 2Page - New Japan Radio NJM2396 Datasheet HTML 3Page - New Japan Radio NJM2396 Datasheet HTML 4Page - New Japan Radio NJM2396 Datasheet HTML 5Page - New Japan Radio NJM2396 Datasheet HTML 6Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
NJM2396
-1-
Ver.2004-12-22
LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
GENERAL DESCRIPTION
PACKAGE OUTLINE
The NJM2396 is low dropout voltage regulator with ON/OFF control.
The output current is up to 1.5A and dropout voltage is 0.2Vtyp. at
Io=0.5A.
The NJM2396 is suitable for power module, TV, Display, car stereo
and low power applications.
FEATURE
Low Dropout Voltage
∆VI-O=0.2V typ. at Io=0.5A
Output Current
Io(max.)=1.5A
ON/OFF Control
Internal Short Circuit Current Limit
Internal Thermal Overload Protection
Bipolar Technology
Package Outline
TO-220F-4
PIN CONFIGURATION
NJM2396F
OUTPUT VOLTAGE RANK LIST
Device Name
VOUT
NJM2396F33
3.3V
NJM2396F05
5.0V
NJM2396F63
6.3V
NJM2396F08
8.0V
NJM2396F83
8.3V
NJM2396F09
9.0V
NJM2396F12
12.0V
EQUIVALENT CIRCUIT
VOUT
VIN
ON/OFF
Control
GND
Control
Circuit
NJM2396F
PIN FUNCTION
1. VIN
2. VOUT
3. GND
4. ON/OFF CONTROL
1 2 3 4


Similar Part No. - NJM2396

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2391 NJRC-NJM2391 Datasheet
102Kb / 7P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2391DL1 NJRC-NJM2391DL1 Datasheet
102Kb / 7P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2392 NJRC-NJM2392 Datasheet
150Kb / 9P
   PWM DC/DC Converter IC
NJM2393 NJRC-NJM2393 Datasheet
137Kb / 7P
   Step-Down PWM DC/DC Converter IC
NJM2397 NJRC-NJM2397 Datasheet
117Kb / 5P
   ADJUSTABLE LOW DROPOUT VOLTAGE REGULATOR
More results

Similar Description - NJM2396

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2386 NJRC-NJM2386 Datasheet
177Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2388F12 NJRC-NJM2388F12 Datasheet
175Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2370 NJRC-NJM2370 Datasheet
214Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2386A NJRC-NJM2386A Datasheet
270Kb / 11P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
Ver.2016-04-08
NJM2387A NJRC-NJM2387A Datasheet
272Kb / 10P
   ADJUSTABLE LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
Ver.2016-04-15
logo
Tiger Electronic Co.,Lt...
KIA78R25F TGS-KIA78R25F Datasheet
2Mb / 7P
   1A Low Dropout Voltage Regulator With ON/OFF Control
KIA78RXX TGS-KIA78RXX Datasheet
2Mb / 7P
   1A Low Dropout Voltage Regulator With ON/OFF Control
logo
ON Semiconductor
MC33375 ONSEMI-MC33375_06 Datasheet
155Kb / 14P
   300 mA, Low Dropout Voltage Regulator with On/Off Control
October, 2006 ??Rev. 10
MC33375 ONSEMI-MC33375_09 Datasheet
254Kb / 14P
   300 mA, Low Dropout Voltage Regulator with On/Off Control
May, 2009 ??Rev. 12
MC33375 ONSEMI-MC33375_13 Datasheet
210Kb / 13P
   300 mA, Low Dropout Voltage Regulator with On/Off Control
October, 2013 ??Rev. 16
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com