Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

XC7445B Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part No. XC7445B
Description  RISC Microprocessor Hardware Specifications
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

XC7445B Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button XC7445B Datasheet HTML 10Page - Freescale Semiconductor, Inc XC7445B Datasheet HTML 11Page - Freescale Semiconductor, Inc XC7445B Datasheet HTML 12Page - Freescale Semiconductor, Inc XC7445B Datasheet HTML 13Page - Freescale Semiconductor, Inc XC7445B Datasheet HTML 14Page - Freescale Semiconductor, Inc XC7445B Datasheet HTML 15Page - Freescale Semiconductor, Inc XC7445B Datasheet HTML 16Page - Freescale Semiconductor, Inc XC7445B Datasheet HTML 17Page - Freescale Semiconductor, Inc XC7445B Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 64 page
background image
MPC7455 RISC Microprocessor Hardware Specifications, Rev. 4.1
14
Freescale Semiconductor
Electrical and Thermal Characteristics
Table 7 provides the power consumption for the MPC7455.
Input leakage current,
Vin = GVDD/OVDD + 0.3 V
—Iin
—30
µA
2, 3
High impedance (off-state) leakage
current, Vin = GVDD/OVDD + 0.3 V
—ITSI
30
µA
2, 3, 5
Output high voltage, IOH = –5 mA
1.5
VOH
GVDD – 0.45
V
6
1.8
VOH
OVDD/GVDD – 0.45
V
2.5
VOH
1.7
V
Output low voltage, IOL = 5 mA
1.5
VOL
—0.45
V
6
1.8
VOL
—0.45
V
2.5
VOL
—0.7
V
Capacitance,
Vin = 0 V,
f = 1 MHz
L3 interface
Cin
—9.5
pF
4
All other inputs
8.0
pF
4
Notes:
1. Nominal voltages; see Table 4 for recommended operating conditions.
2. For processor bus signals, the reference is OVDD while GVDD is the reference for the L3 bus signals.
3. Excludes test signals and IEEE 1149.1 boundary scan (JTAG) signals.
4. Capacitance is periodically sampled rather than 100% tested.
5. The leakage is measured for nominal OVDD/GVDD and VDD, or both OVDD/GVDD and VDD must vary in the same
direction (for example, both OVDD and VDD vary by either +5% or –5%).
6. Applicable to L3 bus interface only.
Table 7. Power Consumption for MPC7455
Processor (CPU) Frequency
Unit
Notes
733 MHz
867 MHz
933 MHz
1 GHz
Full-Power Mode
Typical
11.5
12.9
13.6
15.0
W
1, 3
Maximum
17.0
19.0
20.0
22.0
W
1, 2
Doze Mode
Typical
————
W
4
Nap Mode
Typical
8.0
8.0
8.0
8.0
W
1, 3
Sleep Mode
Table 6. DC Electrical Specifications (continued)
At recommended operating conditions. See Table 4.
Characteristic
Nominal
Bus
Voltage 1
Symbol
Min
Max
Unit
Notes


Similar Part No. - XC7445B

ManufacturerPart No.DatasheetDescription
Torex Semiconductor
Torex Semiconductor
XC74UH TOREX-XC74UH Datasheet
63Kb / 1P
   XC74UH
XC74UH00AAM TOREX-XC74UH00AAM Datasheet
63Kb / 1P
   XC74UH
XC74UH02AAM TOREX-XC74UH02AAM Datasheet
63Kb / 1P
   XC74UH
XC74UH04AAM TOREX-XC74UH04AAM Datasheet
63Kb / 1P
   XC74UH
XC74UH08AAM TOREX-XC74UH08AAM Datasheet
63Kb / 1P
   XC74UH
More results

Similar Description - XC7445B

ManufacturerPart No.DatasheetDescription
Freescale Semiconductor, Inc
Freescale Semiconductor...
XPC7445 FREESCALE-XPC7445 Datasheet
336Kb / 12P
   RISC Microprocessor Hardware Specifications
KMC7448HX1700LD FREESCALE-KMC7448HX1700LD Datasheet
754Kb / 60P
   RISC Microprocessor Hardware Specifications
MPC7410 FREESCALE-MPC7410_1 Datasheet
865Kb / 56P
   RISC Microprocessor Hardware Specifications
NXP Semiconductors
NXP Semiconductors
MPC755EC NXP-MPC755EC Datasheet
1Mb / 56P
   RISC Microprocessor Hardware Specifications
Rev. 8, 02/2006
Motorola, Inc
Motorola, Inc
MPC755 MOTOROLA-MPC755 Datasheet
1Mb / 56P
   RISC Microprocessor Hardware Specifications
Freescale Semiconductor, Inc
Freescale Semiconductor...
MPC7457EC FREESCALE-MPC7457EC Datasheet
1Mb / 68P
   RISC Microprocessor Hardware Specifications
NXP Semiconductors
NXP Semiconductors
MPC7447AEC NXP-MPC7447AEC Datasheet
1Mb / 56P
   RISC Microprocessor Hardware Specifications
Rev. 5, 01/2006
Freescale Semiconductor, Inc
Freescale Semiconductor...
MPC7448 FREESCALE-MPC7448 Datasheet
1Mb / 60P
   RISC Microprocessor Hardware Specifications
MPC7448EC FREESCALE-MPC7448EC Datasheet
753Kb / 60P
   RISC Microprocessor Hardware Specifications
MPC7447A FREESCALE-MPC7447A_06 Datasheet
1Mb / 56P
   RISC Microprocessor Hardware Specifications
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz