Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

XC7445B Datasheet(PDF) 47 Page - Freescale Semiconductor, Inc

Part No. XC7445B
Description  RISC Microprocessor Hardware Specifications
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

XC7445B Datasheet(HTML) 47 Page - Freescale Semiconductor, Inc

Back Button XC7445B Datasheet HTML 43Page - Freescale Semiconductor, Inc XC7445B Datasheet HTML 44Page - Freescale Semiconductor, Inc XC7445B Datasheet HTML 45Page - Freescale Semiconductor, Inc XC7445B Datasheet HTML 46Page - Freescale Semiconductor, Inc XC7445B Datasheet HTML 47Page - Freescale Semiconductor, Inc XC7445B Datasheet HTML 48Page - Freescale Semiconductor, Inc XC7445B Datasheet HTML 49Page - Freescale Semiconductor, Inc XC7445B Datasheet HTML 50Page - Freescale Semiconductor, Inc XC7445B Datasheet HTML 51Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 64 page
background image
MPC7455 RISC Microprocessor Hardware Specifications, Rev. 4.1
Freescale Semiconductor
47
System Design Information
11111
12.5x
2x
600
(1200)
833
(1666)
938
(1876)
01011
13x
2x
650
(1300)
865
(1730)
975
(1950)
11100
13.5x
2x
675
(1350)
900
(1800)
11001
14x
2x
700
(1400)
933
(1866)
00011
15x
2x
500
(1000)
750
(1500)
1000
(2000)
11011
16x
2x
533
(1066)
800
(1600)
00001
17x
2x
566
(1132)
850
(1900)
00101
18x
2x
600
(1200)
900
(1800)
00111
20x
2x
667
(1334)
1000
(2000)
01001
21x
2x
700
(1400)
01101
24x
2x
800
(1600)
11101
28x
2x
933
(1866)
00110
PLL bypass
PLL off, SYSCLK clocks core circuitry directly
11110
PLL off
PLL off, no core clocking occurs
Notes:
1. PLL_CFG[0:4] settings not listed are reserved.
2. The sample bus-to-core frequencies shown are for reference only. Some PLL configurations may select bus, core,
or VCO frequencies which are not useful, not supported, or not tested for by the MPC7455; see Section 5.2.1,
“Clock AC Specifications,” for valid SYSCLK, core, and VCO frequencies.
3. In PLL-bypass mode, the SYSCLK input signal clocks the internal processor directly and the PLL is disabled.
However, the bus interface unit requires a 2x clock to function. Therefore, an additional signal, EXT_QUAL, must
be driven at one-half the frequency of SYSCLK and offset in phase to meet the required input setup tIVKH and hold
time tIXKH (see Table 9). The result will be that the processor bus frequency will be one-half SYSCLK while the
internal processor is clocked at SYSCLK frequency. This mode is intended for factory use and emulator tool use
only.
Note: The AC timing specifications given in this document do not apply in PLL-bypass mode.
4. In PLL-off mode, no clocking occurs inside the MPC7455 regardless of the SYSCLK input.
Table 17. MPC7455 Microprocessor PLL Configuration Example for 1.0 GHz Parts (continued)
PLL_
CFG[0:4]
Example Bus-to-Core Frequency in MHz (VCO Frequency in MHz)
Bus-to-
Core
Multiplier
Core-to-
VCO
Multiplier
Bus (SYSCLK) Frequency
33.3
MHz
50
MHz
66.6
MHz
75
MHz
83
MHz
100
MHz
133
MHz


Similar Part No. - XC7445B

ManufacturerPart No.DatasheetDescription
Torex Semiconductor
Torex Semiconductor
XC74UH TOREX-XC74UH Datasheet
63Kb / 1P
   XC74UH
XC74UH00AAM TOREX-XC74UH00AAM Datasheet
63Kb / 1P
   XC74UH
XC74UH02AAM TOREX-XC74UH02AAM Datasheet
63Kb / 1P
   XC74UH
XC74UH04AAM TOREX-XC74UH04AAM Datasheet
63Kb / 1P
   XC74UH
XC74UH08AAM TOREX-XC74UH08AAM Datasheet
63Kb / 1P
   XC74UH
More results

Similar Description - XC7445B

ManufacturerPart No.DatasheetDescription
Freescale Semiconductor, Inc
Freescale Semiconductor...
XPC7445 FREESCALE-XPC7445 Datasheet
336Kb / 12P
   RISC Microprocessor Hardware Specifications
KMC7448HX1700LD FREESCALE-KMC7448HX1700LD Datasheet
754Kb / 60P
   RISC Microprocessor Hardware Specifications
MPC7410 FREESCALE-MPC7410_1 Datasheet
865Kb / 56P
   RISC Microprocessor Hardware Specifications
NXP Semiconductors
NXP Semiconductors
MPC755EC NXP-MPC755EC Datasheet
1Mb / 56P
   RISC Microprocessor Hardware Specifications
Rev. 8, 02/2006
Motorola, Inc
Motorola, Inc
MPC755 MOTOROLA-MPC755 Datasheet
1Mb / 56P
   RISC Microprocessor Hardware Specifications
Freescale Semiconductor, Inc
Freescale Semiconductor...
MPC7457EC FREESCALE-MPC7457EC Datasheet
1Mb / 68P
   RISC Microprocessor Hardware Specifications
NXP Semiconductors
NXP Semiconductors
MPC7447AEC NXP-MPC7447AEC Datasheet
1Mb / 56P
   RISC Microprocessor Hardware Specifications
Rev. 5, 01/2006
Freescale Semiconductor, Inc
Freescale Semiconductor...
MPC7448 FREESCALE-MPC7448 Datasheet
1Mb / 60P
   RISC Microprocessor Hardware Specifications
MPC7448EC FREESCALE-MPC7448EC Datasheet
753Kb / 60P
   RISC Microprocessor Hardware Specifications
MPC7447A FREESCALE-MPC7447A_06 Datasheet
1Mb / 56P
   RISC Microprocessor Hardware Specifications
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz