Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSA-2743 Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part No. MSA-2743
Description  Cascadable Silicon Bipolar Gain Block MMIC Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo 

MSA-2743 Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6
MSA-2743 Typical Scattering Parameters
TA = 25°C, Id = 65 mA
Freq
s11
s11
s21
s21
s21
s12
s12
s22
s22
K
(GHz)
Mag
Ang
(dB)
(Mag)
(Ang)
(Mag)
(Ang)
(Mag)
(Ang)
0.1
0.034
165.2
16.32
6.546
176.8
0.103
-0.7
0.05
-5.7
1.1
0.5
0.049
115.3
16.27
6.511
164.2
0.101
-3.9
0.054
-28.3
1.1
0.9
0.061
69.2
16.18
6.442
151.7
0.099
-6.2
0.072
-55.9
1.1
1.0
0.067
61.4
16.15
6.42
148.6
0.098
-6.7
0.075
-60.5
1.1
1.5
0.097
32.8
15.97
6.29
133.3
0.096
-8.7
0.089
-75.2
1.1
1.9
0.12
16.2
15.79
6.162
121.3
0.095
-10.1
0.094
-83.9
1.1
2.0
0.126
12.4
15.75
6.128
118.3
0.094
-10.4
0.095
-85.9
1.1
2.5
0.151
-3.5
15.5
5.955
103.6
0.093
-11.8
0.088
-100
1.2
3.0
0.17
-15.7
15.21
5.758
89.1
0.092
-13.1
0.068
-117.3
1.2
3.5
0.177
-26.9
14.9
5.559
75.1
0.091
-14.3
0.049
-136.7
1.2
4.0
0.167
-40.7
14.62
5.382
61.3
0.091
-15.6
0.042
-168.5
1.2
4.5
0.161
-57.8
14.35
5.215
47.4
0.091
-16.6
0.049
161.1
1.3
5.0
0.152
-78
14.04
5.034
33.5
0.091
-17.5
0.054
150.3
1.3
5.5
0.145
-103.3
13.72
4.854
19.9
0.091
-17.7
0.067
154.3
1.3
6.0
0.156
-133.3
13.4
4.675
6.1
0.093
-17.2
0.08
154.4
1.3
6.5
0.188
-159.4
13
4.467
-7.9
0.097
-17.1
0.106
156
1.3
7.0
0.218
178.6
12.58
4.255
-21.7
0.103
-16.6
0.138
149.6
1.3
7.5
0.25
156.6
12.08
4.02
-35.5
0.112
-18
0.16
137.6
1.2
8.0
0.285
135.9
11.56
3.784
-49.1
0.121
-19.6
0.184
124.3
1.2
8.5
0.341
117.4
11.05
3.57
-62.6
0.137
-20.8
0.228
112.5
1
9.0
0.414
98.7
10.51
3.353
-76.5
0.158
-25.4
0.293
97.3
0.9
9.5
0.51
80.1
9.89
3.122
-91.4
0.182
-33.3
0.384
82
0.8
10.0
0.596
63
8.97
2.808
-106.3
0.199
-43
0.476
66.2
0.7
Notes:
1. S-parameters are measured on a microstrip line made on 0.025 inch thick alumina carrier. The input reference plane is at the end of the input lead.
The output reference plane is at the end of the output lead. The parameters include the effect of four plated through via holes connecting ground
landing pads on top of the test carrier to the microstrip ground plane on the bottom side of the carrier. Two 0.020 inch diameter via holes are placed
within 0.010 inch from each ground lead contact point, one via on each side of that point.
88759/06-PM60J-20
2001.04.26, 11:05 AM
Page 6
Adobe PageMaker 6.0J/PPC


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MSA-0505Cascadable Silicon Bipolar MMIC Amplifier 1 2 3 4 Agilent(Hewlett-Packard)
MSA-0910Cascadable Silicon Bipolar MMIC Amplifier 1 2 3 4 Agilent(Hewlett-Packard)
MP4TD0670Silicon Bipolar MMIC Cascadable Amplifier 1 2 3 M-pulse Microwave Inc.
MP4TD4135Silicon Bipolar MMIC Cascadable Amplifier 1 2 3 M-pulse Microwave Inc.
IVA-05128Silicon Bipolar MMIC 1.5 GHz Variable Gain Amplifier 1 2 3 4 Agilent(Hewlett-Packard)
MSA-0270Cascadable Silicon Bipolar MMIC Amplifier 1 2 3 4 Agilent(Hewlett-Packard)
MSA-0520Cascadable Silicon Bipolar MMIC Amplifier 1 2 3 4 Agilent(Hewlett-Packard)
MSA-0986Cascadable Silicon Bipolar MMIC Amplifier 1 2 3 4 Agilent(Hewlett-Packard)
MP4TD0700Silicon Bipolar MMIC Cascadable Amplifier 1 2 3 M-pulse Microwave Inc.
INA-01100Low Noise Cascadable Silicon Bipolar MMIC Amplifier 1 2 3 Agilent(Hewlett-Packard)

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn