Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSA-2743 Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part No. MSA-2743
Description  Cascadable Silicon Bipolar Gain Block MMIC Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo 

MSA-2743 Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

 
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4
MSA-2743 Typical Performance, continued
Figure 10. Gain vs. Id and Frequency (GHz).
18
16
14
12
10
8
6
4
Id (mA)
0
10
2030
405060
70
80
90
9
8
10
5.8
7
1.9
2.4
0.1
0.9
Id (mA)
Figure 11. NF vs. Id and Frequency (GHz).
0
100
40
20
80
60
8
7
6
5
4
3
0.9
1.9
0.1
5.8
2.4
8
7
10
9
Id (mA)
Figure 12. P1dB vs. Id and Frequency (GHz).
0
100
40
20
80
60
25
20
15
10
5
0
-5
9
8
10
5.8
4
7
1.9
2.4
0.1
0.9
Id (mA)
Figure 13. OIP3 vs. Id and Frequency (GHz).
0
100
40
20
80
60
40
35
30
25
20
15
10
5
9
8
10
5.8
4
7
1.9
2.4
0.5
0.9
0
-5
-10
-15
-20
-25
-30
-35
-40
FREQUENCY (GHz)
Figure 14. Input Return Loss vs. Id and
Frequency.
012
4
28
10
6
50 mA
65 mA
80 mA
FREQUENCY (GHz)
Figure 15. Output Return Loss vs. Id and
Frequency.
0
4
28
10
6
0
-5
-10
-15
-20
-25
-30
-35
50 mA
65 mA
80 mA
12
88759/06-PM60J-20
2001.04.26, 11:05 AM
Page 4
Adobe PageMaker 6.0J/PPC


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MSA-0505Cascadable Silicon Bipolar MMIC Amplifier 1 2 3 4 Agilent(Hewlett-Packard)
MSA-0910Cascadable Silicon Bipolar MMIC Amplifier 1 2 3 4 Agilent(Hewlett-Packard)
MP4TD0670Silicon Bipolar MMIC Cascadable Amplifier 1 2 3 M-pulse Microwave Inc.
MP4TD4135Silicon Bipolar MMIC Cascadable Amplifier 1 2 3 M-pulse Microwave Inc.
IVA-05128Silicon Bipolar MMIC 1.5 GHz Variable Gain Amplifier 1 2 3 4 Agilent(Hewlett-Packard)
MSA-0270Cascadable Silicon Bipolar MMIC Amplifier 1 2 3 4 Agilent(Hewlett-Packard)
MSA-0520Cascadable Silicon Bipolar MMIC Amplifier 1 2 3 4 Agilent(Hewlett-Packard)
MSA-0986Cascadable Silicon Bipolar MMIC Amplifier 1 2 3 4 Agilent(Hewlett-Packard)
MP4TD0700Silicon Bipolar MMIC Cascadable Amplifier 1 2 3 M-pulse Microwave Inc.
INA-01100Low Noise Cascadable Silicon Bipolar MMIC Amplifier 1 2 3 Agilent(Hewlett-Packard)

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn