Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MM3031 Datasheet(PDF) 3 Page - Mitsumi Electronics, Corp.

Part No. MM3031
Description  CMOS Regulator Monolithic IC MM303X Series
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUMI [Mitsumi Electronics, Corp.]
Homepage  https://www.mitsumi.co.jp/index_e.html
Logo 

MM3031 Datasheet(HTML) 3 Page - Mitsumi Electronics, Corp.

   
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MITSUMI
CMOS Regulator MM303X Series
Electrical Characteristics (Ambient Temperature, Ta=25°C, VIN=VCE)
Item
Symbol
Measurement conditions
Min. Typ. Max. Unit
Quiescent Current
ISS
VIN=VOUT+2.0V
1.5
3.0
µA
Input Current(OFF)
Istandby
VIN=VOUT+2.0V, VCE=0V
0.1
1.0
µA
Line Regulation
VOUT/ VIN
IOUT=1mA, VOUT+0.5V <
= VIN <
= 8V
0
0.05
0.20
%/V
Input Voltage
VIN
8V
Output voltage temperature coefficient
VOUT/ Vopt
IOUT=10mA -30°C <
= TOPT <
= 85°C
±100
ppm/°C
Short current
Ilim
VIN=VOUT+2.0V, VOUT=0V
60
mA
CE pin current when ON
ICE
VIN=VOUT+2.0V
0.1
1.0
µA
CE input voltage "H"
VCEH
VIN=VOUT+2.0V
VIN-1VIN
V
CE input voltage "L"
VCEL
VIN=VOUT+2.0V
0.25
V


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn