Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MM3031 Datasheet(PDF) 2 Page - Mitsumi Electronics, Corp.

Part No. MM3031
Description  CMOS Regulator Monolithic IC MM303X Series
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUMI [Mitsumi Electronics, Corp.]
Homepage  https://www.mitsumi.co.jp/index_e.html
Logo 

MM3031 Datasheet(HTML) 2 Page - Mitsumi Electronics, Corp.

   
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MITSUMI
CMOS Regulator MM303X Series
Pin Assignment
12
43
SC-82AB
(TOP VIEW)
1
GND
2
VDD
3
VOUT
4
CE
Pin Description
Pin No.
Pin name
Functions
1
GND
GND Pin
2
VDD
Voltage-Supply pin
3
VOUT
Regulator output pin
No connection pin
4
CE
ON/OFF-Control pin
Connect CE-pin with VDD-
pin,when it is not used.
CE
OUTPUT
L
OFF
HON
Absolute Maximum Ratings (Ambient Temperature, Ta=25°C)
Item
Symbol
Ratings
Unit
Storage Temperature
TSTG
-40~+125
°C
Operating Temperature
TOPR
-30~+85
°C
Supply Voltage
VDD
-0.3~+9
V
Output Current
IOUT
150
mA
Allowable loss
Pd
150 (Alone)
mW
Recommended Operating Conditions (Ambient Temperature, Ta=25°C)
Item
Symbol
Ratings
Unit
Operating Temperature
TOP
-30~+85
°C
Supply Voltage
VOP
VOUT+0.3~8
V


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn