Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM1791A Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1791A
Description  24-BIT, 192-kHz SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1791A Datasheet(HTML) 36 Page - Texas Instruments

Back Button PCM1791A Datasheet HTML 32Page - Texas Instruments PCM1791A Datasheet HTML 33Page - Texas Instruments PCM1791A Datasheet HTML 34Page - Texas Instruments PCM1791A Datasheet HTML 35Page - Texas Instruments PCM1791A Datasheet HTML 36Page - Texas Instruments PCM1791A Datasheet HTML 37Page - Texas Instruments PCM1791A Datasheet HTML 38Page - Texas Instruments PCM1791A Datasheet HTML 39Page - Texas Instruments PCM1791A Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 58 page
background image
PCM1791A
SLES071A − MARCH 2003 − REVISED JANUARY 2004
www.ti.com
36
APPLICATION FOR EXTERNAL DIGITAL FILTER INTERFACE
SCK
24
23
22
21
20
19
18
17
16
15
5
6
7
8
9
10
11
12
13
14
PCM1791A
RST
VDD
DGND
AGNDF
VCCR
AGNDR
VOUTR−
VOUTR+
VCOM
MSEL
VOUTL−
ZEROL
ZEROR
VCCF
VCCL
VOUTL+
AGNDC
AGNDL
LRCK
1
2
3
4
BCK
DATA
MUTE
28
27
26
25
MS
MC
MDI
MDO
VCCC
Mode
Control
WDCK (Word Clock)
BCK
DATA-L
SCK
Analog
Output Stage
(Same as Standard
Application)
Analog
Output Stage
(Same as Standard
Application)
DF1704
DF1706
PMD200
DATA-R
Figure 38. Connection Diagram for External DIgital Filter (Internal DF Bypass Mode) Application
Application for Interfacing With an External Digital Filter
For some applications, it may be desirable to use an external digital filter to perform the interpolation function, as it
can provide improved stop-band attenuation when compared to the internal digital filter of the PCM1791A.
The PCM1791A supports several external digital filters, including:
D Texas Instruments DF1704 and DF1706
D Pacific Microsonics PMD200 HDCD filter/decoder IC
D Programmable digital signal processors
The external digital filter application mode is accessed by programming the following bit in the corresponding control
register:
D DFTH = 1 (register 20)
The pins used to provide the serial interface for the external digital filter are shown in the connection diagram of
Figure 38. The word clock (WDCK) signals must be operated at 8
× or 4× the desired sampling frequency, fS.
Pin Assignments When Using the External Digital Filter Interface
D LRCK (pin 1): WDCK as word clock input
D BCK (pin 2): BCK as bit clock for audio data
D DATA (pin 3): DATAL as L-channel audio data input
D MUTE (pin 4): DATAR as R-channel audio data input


Similar Part No. - PCM1791A

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1791A BURR-BROWN-PCM1791A Datasheet
484Kb / 58P
   24 - BIT, 192-kHz SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL - TO - ANALOG CONVERTER
logo
Texas Instruments
PCM1791A TI1-PCM1791A Datasheet
694Kb / 61P
[Old version datasheet]   AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
PCM1791ADB BURR-BROWN-PCM1791ADB Datasheet
484Kb / 58P
   24 - BIT, 192-kHz SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL - TO - ANALOG CONVERTER
logo
Texas Instruments
PCM1791ADB TI1-PCM1791ADB Datasheet
694Kb / 61P
[Old version datasheet]   AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PCM1791ADBG4 TI1-PCM1791ADBG4 Datasheet
694Kb / 61P
[Old version datasheet]   AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - PCM1791A

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1796 BURR-BROWN-PCM1796_06 Datasheet
706Kb / 60P
   24-BIT, 192-kHz SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DSD1791 TI-DSD1791 Datasheet
446Kb / 53P
[Old version datasheet]   24 BIT 192 KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
PCM1730 TI-PCM1730 Datasheet
366Kb / 24P
[Old version datasheet]   24-BIT, 192-kHz SAMPLING ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
PCM1794A BURR-BROWN-PCM1794A Datasheet
294Kb / 30P
   24-bit,192-khz sampling,advanced segment, audio stereo digital-to-analog converter
DSD1792A BURR-BROWN-DSD1792A Datasheet
440Kb / 55P
   24-BIT, 192-KHZ SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DSD1794A TI-DSD1794A Datasheet
535Kb / 49P
[Old version datasheet]   24-BIT,192-kHz SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
DSD1791 TI1-DSD1791_08 Datasheet
654Kb / 56P
[Old version datasheet]   24 BIT 192 KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
logo
Burr-Brown (TI)
DSD1792 BURR-BROWN-DSD1792 Datasheet
478Kb / 10P
   24 bit 192 khz SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
logo
Texas Instruments
DSD1793 TI1-DSD1793_08 Datasheet
604Kb / 50P
[Old version datasheet]   24 BIT 192 KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
logo
Burr-Brown (TI)
PCM1792A BURR-BROWN-PCM1792A Datasheet
487Kb / 59P
   24-bit,192-khz sampling,advanced segment, audio stereo digital-to-analog converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com