Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRF231 Datasheet(PDF) 1 Page - eleflow technologies co., ltd.

Part # MRF231
Description  NPN Silicon RF power transistor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELEFLOW [eleflow technologies co., ltd.]
Direct Link  http://www.eleflow.com/
Logo ELEFLOW - eleflow technologies co., ltd.

MRF231 Datasheet(HTML) 1 Page - eleflow technologies co., ltd.

  MRF231 Datasheet HTML 1Page - eleflow technologies co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
MRF231
ELEFLOW TECHNOLOGIES
www.eleflow.com
NPN Silicon RF power transistor
MRF231
Description:
MRF231 is designed for 12.5v, mid-band large signal amplifier applications in industrial and commercial
FM equipment operation in the 40-100MHz range.
Features:
Specified 12.5V, 90MHz characteristics
Output Power: 3.5W
Minimum gain: 10dB
Efficiency: 55%
Maximum Ratings
Rating
Symbol
Value
Unit
Collector-Emitter Voltage
Vceo
18
Vdc
Collector-Base Voltage
Vcbo
36
Vdc
Emitter-Base Voltage
Vebo
4.0
Vdc
Collector Current Continuous
Ic
1.0
Adc
Total Device Dissipation@Tc=25C
Derate above 25C
Pd
10
57.1
W
mW/C
Storage Temperature range
Tstg
-65-200
Stud Torque
-
6.5
In-Lb
Drawings:
CASE145A-01


Similar Part No. - MRF231

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
MRF230 NJSEMI-MRF230 Datasheet
86Kb / 2P
   The RF Line
logo
eleflow technologies co...
MRF232 ELEFLOW-MRF232 Datasheet
48Kb / 1P
   NPN Silicon RF power transistor
logo
New Jersey Semi-Conduct...
MRF233 NJSEMI-MRF233 Datasheet
88Kb / 2P
   The R.F Line
logo
eleflow technologies co...
MRF233 ELEFLOW-MRF233 Datasheet
48Kb / 1P
   NPN Silicon RF power transistor
logo
Advanced Semiconductor
MRF234 ASI-MRF234 Datasheet
13Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
More results

Similar Description - MRF231

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE346 NTE-NTE346 Datasheet
23Kb / 2P
   Silicon NPN Transistor RF Power Transistor
logo
Advanced Semiconductor
CBSL100 ASI-CBSL100 Datasheet
17Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
CBSL150 ASI-CBSL150 Datasheet
18Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
HF15-28S ASI-HF15-28S Datasheet
17Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
MLN1027S ASI-MLN1027S Datasheet
16Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
logo
Tyco Electronics
MRF16030 MACOM-MRF16030 Datasheet
133Kb / 5P
   RF POWER TRANSISTOR NPN SILICON
MRF429 MACOM-MRF429 Datasheet
163Kb / 5P
   RF POWER TRANSISTOR NPN SILICON
MRF455 MACOM-MRF455 Datasheet
92Kb / 3P
   RF POWER TRANSISTOR NPN SILICON
logo
Advanced Semiconductor
BLX39 ASI-BLX39 Datasheet
13Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
MRF839F ASI-MRF839F Datasheet
15Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
BLV30 ASI-BLV30 Datasheet
13Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com