Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ISO7721BDW Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part No. ISO7721BDW
Description  High-Speed, Robust EMC, Basic Insulation Dual-Channel Digital Isolator
Download  31 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7721BDW Datasheet(HTML) 3 Page - Texas Instruments

  ISO7721BDW Datasheet HTML 1Page - Texas Instruments ISO7721BDW Datasheet HTML 2Page - Texas Instruments ISO7721BDW Datasheet HTML 3Page - Texas Instruments ISO7721BDW Datasheet HTML 4Page - Texas Instruments ISO7721BDW Datasheet HTML 5Page - Texas Instruments ISO7721BDW Datasheet HTML 6Page - Texas Instruments ISO7721BDW Datasheet HTML 7Page - Texas Instruments ISO7721BDW Datasheet HTML 8Page - Texas Instruments ISO7721BDW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
NC
GND2
9
8
GND1
NC
10
7
NC
NC
11
6
INB
OUTB
12
5
OUTA
INA
13
4
VCC1
VCC2
14
3
NC
NC
15
2
GND1
GND2
16
1
3
ISO7721B
www.ti.com
SLLSEY9A – APRIL 2018 – REVISED APRIL 2019
Product Folder Links: ISO7721B
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
5 Pin Configuration and Functions
ISO7721B DW Package
16-Pin SOIC
Top View
Pin Functions
PIN NAME
PIN NO.
I/O
DESCRIPTION
GND1
1, 7
Ground connection for VCC1
GND2
9
Ground connection for VCC2
16
INA
13
I
Input, channel A
INB
5
I
Input, channel B
NC
2
Not connected
6
8
10
11
15
OUTA
4
O
Output, channel A
OUTB
12
O
Output, channel B
VCC1
3
Power supply, VCC1
VCC2
14
Power supply, VCC2


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn