Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LV1050M Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part No. LV1050M
Description  Dolby Pro Logic Surround Decoder
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV1050M Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LV1050M Datasheet HTML 1Page - Sanyo Semicon Device LV1050M Datasheet HTML 2Page - Sanyo Semicon Device LV1050M Datasheet HTML 3Page - Sanyo Semicon Device LV1050M Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LV1050M
No.6628-2/14
Specifications
Absolute Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
10.5
V
Allowable power dissipation
Pd max
Ta
≤ 70°C Twith board
1400
mW
Operating temperature
Topr
--20 to +70
°C
Storage temperature
Tstg
--40 to +150
°C
Note : TWhen mounted on a 114.3 mm ! 76.1 mm, t = 1.6 mm fiberglass epoxy printed circuit board.
Operating Conditions at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Recommended supply voltage
VCC
9V
Operating supply voltage range
VCCopg
8 to 10
V
Control input high level
3.5 to 5.5
V
Control input low level
0 to 1.5
V
Dolby level
VO Dolby
300
mVrms
Electrical Characteristics at Ta = 25
°C, VCC = 9 V, f = 1 kHz, VIN = 300 mV (L, R inputs), VIN = 212 mV (C,S
inputs), center and surround trim = 0 dB. Unless otherwise specified : in pro logic on mode
and with the 400 Hz to 30 kHz bandpass filter used.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Quiescent current
ICC
120
135
mA
Cch output level
VOC
--2
0
2
dB
Output level deviation
VOA
--0.5
0
0.5
dB
(Reference to the center output)
Lch matrix rejection
Rj, L
25
35
dB
Cch matrix rejection
Rj, C
25
35
dB
Rch matrix rejection
Rj, R
25
35
dB
Sch matrix rejection
Rj, LS, RS
25
35
dB
Total harmonic distortion L, R, C
THD
0.02
0.05
%
Total harmonic distortion S
THD
0.1
0.7
%
S/N Lch
S/N, L
65
76
dB
S/N Cch
S/N, C
CCIR/ARM, Rg = 10 k
65
77
dB
S/N Rch
S/N, R
65
76
dB
S/N Sch
S/N, LS,RS
60
72
dB
Lch signal handling
SH, L
15
16
dB
Cch signal handling
SH, C
VCC = 8.5 V, f = 1 kHz, THD = 1% (L,C,R), THD = 3% (LS, RS)
15
18
dB
Rch signal handling
SH, R
15
16
dB
Sch signal handling
SH, LS, RS
15
16
dB
Noise sequencer output
VN
50
70
90
mV
Pro Logic off S/N (Full Bypass mode)
S/N off L,R
80
90
dB
Pro Logic off total harmonic distortion
THD off L,R
0.007
0.03
%
Dec1
0dB, 1kHz, VCC = 8.5 V, f = 1 kHz, THD = 1% (L,C,R), THD = 3% (LS, RS)
--1.5
0.0
1.5
dB
Dec2
--20dB, 1kHz, VCC = 8.5 V, f = 1 kHz, THD = 1% (L,C,R), THD = 3% (LS, RS)
--24.0
--22.5
--21.0
dB
NR frequency characteristics
Dec3
0dB, 5kHz, VCC = 8.5 V, f = 1 kHz, THD = 1% (L,C,R), THD = 3% (LS, RS)
--1.5
0.0
1.5
dB
Dec4
--20dB, 5kHz, VCC = 8.5 V, f = 1 kHz, THD = 1% (L,C,R), THD = 3% (LS, RS)
--23.3
--21.8
--20.3
dB
Dec5
--40dB, 5kHz, VCC = 8.5 V, f = 1 kHz, THD = 1% (L,C,R), THD = 3% (LS, RS)
--46.8
--45.3
--43.8
dB
Virtual Dolby Surround S/N
S/N v L, R
CCIR/ARM, Rg=10 k
55
64
dB


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
NJM2177 DOLBY PRO LOGIC SURROUND DECODER 1  2  3  4  New Japan Radio
CXD2719Q Single-Chip Dolby Pro Logic Surround Decoder 1  2  3  4  5  More Sony Corporation
CXD2720Q-2 Single-Chip Dolby Pro Logic Surround Decoder 1  2  3  4  5  More Sony Corporation
NJW1102A DOLBY PRO LOGIC SURROUND DECODER 1  2  3  4  New Japan Radio
CXD2724AQ-1 Single-Chip Dolby Pro Logic Surround Decoder 1  2  3  4  5  More Sony Corporation
M62464BFP Dolby Pro Logic Surround Decoder with Discrete 5.1ch Analog Input 1  2  3  4  5  More Mitsubishi Electric Semiconductor
NJW1104 DOLBY PRO LOGIC SURROUND DECODER 1  2  3  4  5  More New Japan Radio
CXD2724AQ-3 Single-Chip Dolby Pro Logic Surround Decoder 1  2  3  4  5  More Sony Corporation
M62462FP Dolby Pro Logic Surround Decoder 1  2  3  4  5  More Mitsubishi Electric Semiconductor
NJW1106 DOLBY PRO LOGIC SURROUND DECODER 1  2  3  4  5  More New Japan Radio

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn