Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LV1050M Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part No. LV1050M
Description  Dolby Pro Logic Surround Decoder
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV1050M Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LV1050M Datasheet HTML 1Page - Sanyo Semicon Device LV1050M Datasheet HTML 2Page - Sanyo Semicon Device LV1050M Datasheet HTML 3Page - Sanyo Semicon Device LV1050M Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LV1050M
No.6628-1/14
Bi-CMOS IC
Overview
The LV1050M is a Dolby Pro Logic surround effect
signal-processing Bi-CMOS IC that in addition to
LV1018 and LA2787 function, realizes virtual surround
processing with the use of 5.1ch input signal.
This IC can implement a Dolby Pro Logic surround
system and various digital surround system in just one chip.
Functions and Features
Adaptive matrix.
Center mode control (Normal/Phantom/Wide).
4ch/3ch logic control.
Auto balance (ON/OFF).
Prologic off-mode (Bypass/Full Bypass).
On-chip memory (8k bit S-RAM).
Variable delay time.
Dolby surround mode
: 15, 20, 25, or 30ms.
Simulated surround mode : 7.5, 15, 20, 25, 30, 40
or 50ms.
Modified B type noise-reduction.
Center trim, surround trim (LS-ch, RS-ch) and
LFE trim (0 to -31dB in -1dB steps).
Input and output filter.
Output : 7kHz L.P.F in dolby surround mode.
5kHz L.P.F in simulated surround mode.
Built-in VDD.
Simulated surround function.
Fixed matrix : L+R, L--R.
Front addition : 0, -2, -4 and -6 dB inverted and
non inverted addition.
Reverb function.
Rear-channel monaural/stereo switching.
Rear addition : 0, -2, -4 and -6 dB inverted and
noninverted addition .
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Ordering number : ENN6628
LV1050M
81000 RM IM
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft's
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
Dolby Pro Logic Surround Decoder
[LV1050M]
Package Dimensions
unit : mm
3174-QIP80E
SANYO : QIP80E
0.15
1
24
25
40
41
64
65
80
21.6
0.8
2.70
1.6
0.35
23.2
20.0
0.8
0.8
Pseudo-tap function.
Built-in input switch for the L, C, R, LS, RS, and LFE
channels.
Virtual surround function (VDS 2 modes, VDD 1 mode).
Simulated surround function for Dolby Digital.
Input and output muting function.
Reference level : 300 mVrms.
Operating supply voltage : 8 to 10V.
Package : QIP80E.
Note : Dolby and Double D Symbol are registered
trademarks of Dolby Laboratories Licensing Corporation.
This IC is available only to licensees of Dolby Laboratories
Licensing Corporation. San Francisco, C94103-4813,
USA, from whom licensing and application information
must be obtained.


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
NJM2177 DOLBY PRO LOGIC SURROUND DECODER 1  2  3  4  New Japan Radio
CXD2719Q Single-Chip Dolby Pro Logic Surround Decoder 1  2  3  4  5  More Sony Corporation
CXD2720Q-2 Single-Chip Dolby Pro Logic Surround Decoder 1  2  3  4  5  More Sony Corporation
NJW1102A DOLBY PRO LOGIC SURROUND DECODER 1  2  3  4  New Japan Radio
CXD2724AQ-1 Single-Chip Dolby Pro Logic Surround Decoder 1  2  3  4  5  More Sony Corporation
M62464BFP Dolby Pro Logic Surround Decoder with Discrete 5.1ch Analog Input 1  2  3  4  5  More Mitsubishi Electric Semiconductor
NJW1104 DOLBY PRO LOGIC SURROUND DECODER 1  2  3  4  5  More New Japan Radio
CXD2724AQ-3 Single-Chip Dolby Pro Logic Surround Decoder 1  2  3  4  5  More Sony Corporation
M62462FP Dolby Pro Logic Surround Decoder 1  2  3  4  5  More Mitsubishi Electric Semiconductor
NJW1106 DOLBY PRO LOGIC SURROUND DECODER 1  2  3  4  5  More New Japan Radio

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn