Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1990IS8 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1990IS8
Description  250V Input Range G = 1, 10, Micropower, Difference Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1990IS8 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1990IS8 Datasheet HTML 5Page - Linear Technology LT1990IS8 Datasheet HTML 6Page - Linear Technology LT1990IS8 Datasheet HTML 7Page - Linear Technology LT1990IS8 Datasheet HTML 8Page - Linear Technology LT1990IS8 Datasheet HTML 9Page - Linear Technology LT1990IS8 Datasheet HTML 10Page - Linear Technology LT1990IS8 Datasheet HTML 11Page - Linear Technology LT1990IS8 Datasheet HTML 12Page - Linear Technology LT1990IS8 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LT1990
9
1990f
TYPICAL PERFOR A CE CHARACTERISTICS
Gain vs Frequency
–3dB Bandwidth vs Supply
Voltage, G = 1
–3dB Bandwidth vs Supply
Voltage, G = 10
Slew Rate vs Supply Voltage,
G = 1
Slew Rate vs Supply Voltage,
G = 10
Slew Rate vs Temperature
G = 1
Slew Rate vs Temperature
G = 10
Common Mode Rejection Ratio
vs Frequency
FREQUENCY (Hz)
50
40
30
20
10
0
–10
–20
–30
–40
–50
100
10k
1k
100k
1M
1990 G12
1990 G13
120
115
110
105
100
95
90
85
80
75
70
SUPPLY VOLTAGE (±V)
0
16
1990 G14
4
8
12
14
2
6
10
SUPPLY VOLTAGE (±V)
016
4
8
12
14
2
6
10
8
7
6
5
4
3
1.0
0.8
0.6
0.4
0.2
0
1990 G17
0.6
0.5
0.4
0.3
0.2
0.1
0
1990 G18
VS = 5V, 0V
TA = 25°C
TA = 25°C
TA = 125°C
TA = –55°C
TA = 25°C
TA = 125°C
TA = –55°C
G = 1
G = 10
TA = 25°C
TA = 25°C
TEMPERATURE (°C)
–50
25
75
–25
0
50
100
125
TEMPERATURE (°C)
–50
25
75
–25
0
50
100
125
VS = ±15V
RL = 10k
VS = ±15V
RL = 10k
–SR
+SR
–SR
+SR
FREQUENCY (Hz)
100
100
90
80
70
60
50
40
30
20
10
0
1k
10k
200k
100k
1990 G10
VS = 5V, 0V
TA = 25°C
G = 1 OR 10
REFERRED TO INPUT
+SR
–SR
SUPPLY VOLTAGE (±V)
0
1.0
0.8
0.6
0.4
0.2
0
610
16
1990 G15
24
8
12
14
TA = 25°C
RL = 10k
+SR
–SR
SUPPLY VOLTAGE (±V)
0
0.5
0.4
0.3
0.2
0.1
0
610
16
1990 G16
24
8
12
14
TA = 25°C
RL = 10k


Similar Part No. - LT1990IS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1990 LINER-LT1990 Datasheet
940Kb / 24P
   High Voltage, Bidirectional Current Sense Amplifier Low Power Shutdown <10關A
LT1990 LINER-LT1990 Datasheet
204Kb / 8P
   Quad Matched Resistor Network Long-Term Stability: <2ppm at 2000 Hrs
LT1990 LINER-LT1990 Datasheet
537Kb / 24P
   140V CMOS Rail-to-Rail Output, Picoamp Input Current Op Amp
LT1990 LINER-LT1990 Datasheet
258Kb / 22P
   High Voltage, High-Side Current Sense
LT1990 LINER-LT1990 Datasheet
276Kb / 16P
   Micropower, Difference Amplifier
More results

Similar Description - LT1990IS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1990 LINER-LT1990_15 Datasheet
276Kb / 16P
   Micropower, Difference Amplifier
logo
Burr-Brown (TI)
INA154 BURR-BROWN-INA154 Datasheet
85Kb / 9P
   High-Speed, Precision DIFFERENCE AMPLIFIER G = 1
logo
Texas Instruments
INA154 TI1-INA154 Datasheet
291Kb / 13P
[Old version datasheet]   High-Speed, Precision DIFFERENCE AMPLIFIER (G = 1)
logo
Linear Technology
LT6376 LINER-LT6376 Datasheet
2Mb / 30P
   짹230V Common Mode Voltage G = 10 Difference Amplifier
logo
Analog Devices
AD8278 AD-AD8278 Datasheet
606Kb / 24P
   Low Power, Wide Supply Range, Low Cost Difference Amplifier, G = 쩍, 2
REV. 0
ADA4830-1 AD-ADA4830-1 Datasheet
458Kb / 22P
   High Speed Difference Amplifier with Input
REV. C
logo
Burr-Brown (TI)
INA143 BURR-BROWN-INA143 Datasheet
145Kb / 10P
   High-Speed, Precision, G = 10 or G = 0.1 DIFFERENCE AMPLIFIERS
INA2143 BURR-BROWN-INA2143 Datasheet
152Kb / 12P
   High-Speed, Precision, G = 10 or G = 0.1 DIFFERENCE AMPLIFIERS
logo
Linear Technology
LT1193 LINER-LT1193 Datasheet
565Kb / 12P
   Video Difference Amplifier
logo
Recom International Pow...
RBL-E RECOM-RBL-E Datasheet
92Kb / 2P
   1:1 Input Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com