Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS62C1024-70WI Datasheet(PDF) 1 Page - Integrated Circuit Solution Inc

Part # IS62C1024-70WI
Description  128K x 8 HIGH-SPEED CMOS STATIC RAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IS62C1024-70WI Datasheet(HTML) 1 Page - Integrated Circuit Solution Inc

  IS62C1024-70WI Datasheet HTML 1Page - Integrated Circuit Solution Inc IS62C1024-70WI Datasheet HTML 2Page - Integrated Circuit Solution Inc IS62C1024-70WI Datasheet HTML 3Page - Integrated Circuit Solution Inc IS62C1024-70WI Datasheet HTML 4Page - Integrated Circuit Solution Inc IS62C1024-70WI Datasheet HTML 5Page - Integrated Circuit Solution Inc IS62C1024-70WI Datasheet HTML 6Page - Integrated Circuit Solution Inc IS62C1024-70WI Datasheet HTML 7Page - Integrated Circuit Solution Inc IS62C1024-70WI Datasheet HTML 8Page - Integrated Circuit Solution Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Integrated Circuit Solution Inc.
1
SR016-0B
IS62C1024
ICSI reserves the right to make changes to its products at any time without notice in order to improve design and supply the best possible product.
We assume no responsibility for any errors
which may appear in this publication.
© Copyright 2000, Integrated Circuit Solution Inc.
DESCRIPTION
The
ICSI
IS62C1024 is a low power,131,072-word by 8-bit
CMOS
static
RAM.
It
is
fabricated
using
ICSI
's
high-
performance CMOS technology. This highly reliable process
coupled with innovative circuit design techniques, yields higher
performance and low power consumption devices.
When
CE1 is HIGH or CE2 is LOW (deselected), the device
assumes a standby mode at which the power dissipation can
be reduced by using CMOS input levels.
Easy memory expansion is provided by using two Chip Enable
inputs,
CE1 and CE2. The active LOW Write Enable (WE)
controls both writing and reading of the memory.
The IS62C1024 is available in 32-pin 600mil DIP, 450mil SOP
and 8*20mm TSOP-1 packages.
FUNCTIONAL BLOCK DIAGRAM
A0-A16
CE1
OE
WE
512 x 2048
MEMORY ARRAY
DECODER
COLUMN I/O
CONTROL
CIRCUIT
GND
VCC
I/O
DATA
CIRCUIT
I/O0-I/O7
CE2
IS62C1024
128K x 8 HIGH-SPEED CMOS STATIC RAM
FEATURES
High-speed access time: 35, 45, 55, 70 ns
• Low active power: 450 mW (typical)
• Low standby power: 500 µW (typical) CMOS
standby
Output Enable (
OE) and two Chip Enable
(
CE1 and CE2) inputs for ease in applications
Fully static operation: no clock or refresh
required
TTL compatible inputs and outputs
Single 5V (±10%) power supply


Similar Part No. - IS62C1024-70WI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS62C1024-70Q ISSI-IS62C1024-70Q Datasheet
67Kb / 8P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
IS62C1024-70QI ISSI-IS62C1024-70QI Datasheet
67Kb / 8P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
IS62C1024-70T ISSI-IS62C1024-70T Datasheet
67Kb / 8P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
IS62C1024-70TI ISSI-IS62C1024-70TI Datasheet
67Kb / 8P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
More results

Similar Description - IS62C1024-70WI

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T14M1024A TMT-T14M1024A Datasheet
74Kb / 10P
   128K X 8 HIGH SPEED CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1024 PYRAMID-P4C1024 Datasheet
87Kb / 8P
   HIGH SPEED 128K X 8 CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS63WV1024BLL ISSI-IS63WV1024BLL Datasheet
136Kb / 17P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T14L1024A TMT-T14L1024A Datasheet
86Kb / 12P
   128K X 8 HIGH SPEED CMOS STATIC RAM
logo
Winbond
W24L010A WINBOND-W24L010A Datasheet
152Kb / 9P
   128K X 8 High Speed CMOS Static RAM
W24L11 WINBOND-W24L11 Datasheet
170Kb / 11P
   128K X 8 High Speed CMOS Static RAM
logo
Integrated Silicon Solu...
IS62C1024 ISSI-IS62C1024 Datasheet
67Kb / 8P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C1024AL-12JLI-TR ISSI-IS61C1024AL-12JLI-TR Datasheet
883Kb / 15P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C1024AL ISSI-IS61C1024AL Datasheet
107Kb / 17P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Winbond
W24L011A WINBOND-W24L011A Datasheet
131Kb / 10P
   128K X 8 High Speed CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com